Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 38 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 38 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 34Page - Zilog, Inc. Z86C34 Datasheet HTML 35Page - Zilog, Inc. Z86C34 Datasheet HTML 36Page - Zilog, Inc. Z86C34 Datasheet HTML 37Page - Zilog, Inc. Z86C34 Datasheet HTML 38Page - Zilog, Inc. Z86C34 Datasheet HTML 39Page - Zilog, Inc. Z86C34 Datasheet HTML 40Page - Zilog, Inc. Z86C34 Datasheet HTML 41Page - Zilog, Inc. Z86C34 Datasheet HTML 42Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
38
P R E L I M I N A R Y
DS007601-Z8X0499
FUNCTIONAL DESCRIPTION (Continued)
0, 1, 2, and 3, and low-EMI oscillator. The PCON register
is located in the expanded register file at Bank F, location
00h
(Figure 25).
Comparator Output Port 3 (D0).
Bit 0 controls the com-
parator use in Port 3. A 1 in this location brings the com-
parator outputs to P34 and P37, and a 0 releases the Port to
its standard I/O configuration. The default value is 0.
Port 1 Open-Drain (D1).
Port 1 can be configured as an
open-drain by resetting this bit (D1 = 0) or configured as
push-pull active by setting this bit (D1 = 1). The default val-
ue is 1. The user must set D1 = 1 for devices in 28-pin pack-
ages.
Port 0 Open-Drain (D2).
Port 0 can be configured as an
open-drain by resetting this bit (D2 = 0) or configured as
push-pull active by setting this bit (D2 = 1). The default val-
ue is 1.
Low-EMI Port 0 (D3).
Port 0 can be configured as a low-
EMI port by resetting this bit (D3 = 0) or configured as a
Standard Port by setting this bit (D3 = 1). The default value
is 1.
Low-EMI Port 1 (D4).
Port 1 can be configured as a low-
EMI port by resetting this bit (D4 = 0) or configured as a
Standard Port by setting this bit (D4 = 1). The default value
is 1. The user must set D4 = 1 for devices in 28-pin packages.
Note: For emulator, this bit must be set to 1.
Low-EMI Port 2 (D5).
Port 2 can be configured as a low-
EMI port by resetting this bit (D5 = 0) or configured as a
Standard Port by setting this bit (D5 = 1). The default value
is 1.
Low-EMI Port 3 (D6).
Port 3 can be configured as a low-
EMI port by resetting this bit (D6 = 0) or configured as a
Standard Port by setting this bit (D6 = 1). The default value
is 1.
Low-EMI OSC (D7).
This bit of the PCON Register con-
trols the low-EMI noise oscillator. A 1 in this location con-
figures the oscillator, DS, AS and R/W with standard drive,
while a 0 configures the oscillator, DS, AS and R/W with
low noise drive. The low-EMI mode reduces the drive of
the oscillator (OSC). The default value is 1.
Note: Maximum external clock frequency of 4 MHz when run-
ning in the
low-EMI oscillator mode.
Low-EMI Emission.
The Z8 can be programmed to operate
in a low-EMI emission mode in the PCON register. The os-
cillator and all I/O ports can be programmed as low-EMI
emission mode independently. Use of this feature results in:
• The pre-drivers slew rate reduced to 10 ns (typical)
• Low-EMI output drivers exhibit resistance of 200 Ohms
(typical)
• Low-EMI Oscillator
• Internal SCLK/TCLK = XTAL operation limited to a
maximum of 4 MHz–250 ns cycle time, when LOW
EMI OSCILLATOR
is selected and system clock (SCLK
= XTAL
, SMR REGISTER BIT D1 = 1)
Stop-Mode Recovery Register (SMR).
This register se-
lects the clock divide value and determines the mode of
Stop-Mode Recovery (Figures 26 and 27). All bits are
WRITE ONLY
, except bit 7, which is READ ONLY. Bit 7
is a flag bit that is hardware set on the condition of STOP
recovery and RESET by a power-on cycle. Bit 6 controls
whether a low level or a high level is required from the re-
covery source. Bit 5 controls the reset delay after recovery.
Bits 2, 3, and 4, or the SMR register, specify the source of
the Stop-Mode Recovery signal. Bits 0 and 1 determine the
time-out period of the WDT. The SMR is located in Bank
F of the Expanded Register Group at address 0BH.
Figure 25. Port Configuration Register (PCON)
(WRITE ONLY)
0 Port 0 Open Drain
1 Port 0 Push-pull Active*
D7
D6
D5
D4
D3
D2
D1
D0
PCON (FH) 00H
Comparator Output Port 3
0 P34, P37 Standard Output*
1 P34, P37 Comparator Output
0 Port 0 Low EMI
1 Port 0 Standard*
0 Port 2 Low EMI
1 Port 2 Standard*
Low EMI Oscillator
0 Low EMI
1 Standard*
0 Port 3 Low EMI
1 Port 3 Standard*
*Default Setting After Reset
Must be set to one for devices
in 28-pin packages
0 Port 1 Open Drain
1 Port 1 Push-pull Active*†
0 Port 1 Low EMI
1 Port 1 Standard*
†
†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com