Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 15Page - Zilog, Inc. Z86C34 Datasheet HTML 16Page - Zilog, Inc. Z86C34 Datasheet HTML 17Page - Zilog, Inc. Z86C34 Datasheet HTML 18Page - Zilog, Inc. Z86C34 Datasheet HTML 19Page - Zilog, Inc. Z86C34 Datasheet HTML 20Page - Zilog, Inc. Z86C34 Datasheet HTML 21Page - Zilog, Inc. Z86C34 Datasheet HTML 22Page - Zilog, Inc. Z86C34 Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
19
Table 8. Additional Timing
(Divide-By-One Mode, SCLK/TCLK = XTAL)
TA = 0ºC to
+70ºC
TA = 40ºC to
+105ºC
VCC
1
8 MHz
8 MHz
No
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
1
TpC
Input Clock Period
3.0V
250
DC
250
DC
ns
2,3,4
5.5V
250
DC
250
DC
ns
2,3,4
3.0V
125
DC
125
DC
ns
2,3
5.5V
125
DC
125
DC
ns
2,3
2
TrC,TfC
Clock Input Rise
& Fall Times
3.0V
25
25
ns
2,3
5.5V
25
25
ns
2,3
3
TwC
Input Clock Width
3.0V
125
125
ns
2,3,4
5.5V
125
125
ns
2,3,4
3.0V
62
62
ns
2,3
5.5V
62
62
ns
2,3
4
TwTinL
Timer Input Low Width
3.0V
100
100
ns
2,3
5.5V
70
70
ns
2,3
5
TwTinH
Timer Input High Width
3.0V
3TpC
3TpC
2,3
5.5V
3TpC
3TpC
2,3
6
TpTin
Timer Input Period
3.0V
4TpC
4TpC
2,3
5.5V
4TpC
4TpC
2,3
7
TrTin,
TfTin
Timer Input Rise
& Fall Timer
3.0V
100
100
ns
2,3
5.5V
100
100
ns
2,3
8A
TwIL
Int. Request Low Time
3.0V
100
100
ns
2,3,5
5.5V
70
70
ns
2,3,5
8B
TwIL
Int. Request Low Time
3.0V
3TpC
3TpC
2,3,6
5.5V
3TpC
3TpC
2,3,6
9
TwIH
Int. Request Input
High Time
3.0V
3TpC
3TpC
2,3,5
5.5V
3TpC
2TpC
2,3,5
10
Twsm
Stop-Mode Recovery
Width Spec
3.0V
12
12
ns
7
5.5V
12
12
ns
7
11
Tost
Oscillator Startup Time
3.0V
5TpC
5TpC
7,8
5.5V
5TpC
5TpC
7,8
Notes:
1. The VCC voltage specification of 3.0V guarantees 3.3V ± 0.3V, and the VCC voltage specification of 5.5V guarantees 5.0V
± 0.5V.
2. Timing Reference uses 0.7 VCC for a logic “1” and 0.2 VCC for a logic “0”.
3. SMR D1 = 0.
4. Maximum frequency for external XTAL clock is 4 MHz when using low-EMI Oscillator mode PCON Reg.D7 = 0.
5. Interrupt request via Port 3 (P31–P33).
6. Interrupt request via Port 3 (P30).
7. SMR–D5 = 1, POR STOP Mode Delay is on.
8. For RC and LC oscillator, and for oscillator driven by clock driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com