Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 23 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 23 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 19Page - Zilog, Inc. Z86C34 Datasheet HTML 20Page - Zilog, Inc. Z86C34 Datasheet HTML 21Page - Zilog, Inc. Z86C34 Datasheet HTML 22Page - Zilog, Inc. Z86C34 Datasheet HTML 23Page - Zilog, Inc. Z86C34 Datasheet HTML 24Page - Zilog, Inc. Z86C34 Datasheet HTML 25Page - Zilog, Inc. Z86C34 Datasheet HTML 26Page - Zilog, Inc. Z86C34 Datasheet HTML 27Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
23
Port 0 (P00–P07).
Port 0 is an 8-bit, bidirectional, CMOS-
compatible port. These eight I/O lines are configured under
software control as a nibble I/O port (P03–P00 input/output
and P07–P04 input/output), or as an address port for inter-
facing external memory. The input buffers are Schmitt-trig-
gered and nibble-programmed as outputs and can be glo-
bally programmed as either push-pull or open-drain. Low-
EMI output buffers can be globally programmed by the soft-
ware. Port 0 is placed under handshake control. In this con-
figuration, Port 3, lines P32 and P35 are used as the hand-
shake control DAV0 and RDY0. Handshake signal direction
is dictated by the I/O direction (input or output) of Port 0
of the upper nibble P04–P07. The lower nibble must indi-
cate the same direction as the upper nibble.
For external memory references, Port 0 provides address
bits A11–A8 (lower nibble) or A15–A8 (lower and upper
nibble) depending on the required address space. If the ad-
dress range requires 12 bits or less, the upper nibble of Port
0 can be programmed independently as I/O while the lower
nibble is used for addressing. If one or both nibbles are re-
quired for I/O operation, they are configured by writing to
the Port 0 mode register.
In ROMless mode, after a hardware RESET, Port 0 is con-
figured as address lines A15–A8, and extended timing is set
to accommodate slow memory access. The initialization
routine can include reconfiguration to eliminate this ex-
tended timing mode. (In ROM mode, Port 0 is defined as
input after RESET.)
Port 0 can be placed in a high-impedance state along with
Port 1, AS, DS and R/W, allowing the Z8 to share common re-
sources in multiprocessor and DMA applications (Figure 12).
Figure 12. Port 0 Configuration
Port 0
(I/O or A15–A8)
Handshake Controls
DAV0 and RDY0
(P32 and P35)
Z8
4
4
Open-Drain
OE
Out
In
1.5
2.3 Hysteresis @ V
= 5.0V
PAD
Pull-Up
Transistor Enable
(Mask Option)
Auto Latch
(mask option)
R
≈ 500KΩ
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com