Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 10Page - Zilog, Inc. Z86C34 Datasheet HTML 11Page - Zilog, Inc. Z86C34 Datasheet HTML 12Page - Zilog, Inc. Z86C34 Datasheet HTML 13Page - Zilog, Inc. Z86C34 Datasheet HTML 14Page - Zilog, Inc. Z86C34 Datasheet HTML 15Page - Zilog, Inc. Z86C34 Datasheet HTML 16Page - Zilog, Inc. Z86C34 Datasheet HTML 17Page - Zilog, Inc. Z86C34 Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
14
P R E L I M I N A R Y
DS007601-Z8X0499
AC ELECTRICAL CHARACTERISTICS (Continued)
Table 6. External I/O or Memory READ and WRITE Timing (C44/C45/C46 Only)
(SCLK/TCLK = XTAL/2)
TA = –0ºC to 70ºC
TA = –40ºC to +105ºC
12 MHz
16 MHz
12 MHz
16 MHz
No
Symbol
Parameter
VCC
1
Min
Max
Min
Max
Min
Max
Min
Max Units Notes
1
TdA(AS)
Address Valid to AS
Rise Delay
3.0
35
25
35
25
ns
2
5.5
35
25
35
25
ns
2
2
TdAS(A)
AS Rise to Address
Float Delay
3.0
45
35
45
35
ns
2
5.5
45
35
45
35
ns
2
3
TdAS(DR)
AS Rise to Read
Data Req’d Valid
3.0
250
180
250
180
ns
2,3
5.5
250
180
250
180
ns
2
4TwAS
AS Low Width
3.0
55
40
55
40
ns
2
5.5
55
40
55
40
ns
2
5
TdAS(DS)
Address Float to DS
Fall
3.0
0000
ns
5.5
0000
ns
6
TwDSR
DS (Read) Low
Width
3.0
200
135
200
135
ns
2,3
5.5
200
135
200
135
ns
2,3
7
TwDSW
DS (WRITE) Low
Width
3.0
110
80
110
80
ns
2,3
5.5
110
80
110
80
ns
2,3
8
TdDSR(DR)
DS Fall to Read Data
Req’d Valid
3.0
150
75
150
75
ns
2,3
5.5
150
75
150
75
ns
2,3
9
ThDR(DS)
Read Data to DS
Rise Hold Time
3.0
0000
ns
2
5.5
0000
ns
2
10
TdDS(A)
DS Rise to Address
Active Delay
3.0
45
50
45
50
ns
2
5.5
55
50
55
50
ns
2
11
TdDS(AS)
DS Rise to AS Fall
Delay
3.0
30
35
30
35
ns
2
5.5
45
35
45
55
ns
2
12
TdR/W(AS)
R/W Valid to AS Rise
Delay
3.0
45
25
45
25
ns
2
5.5
45
25
45
25
ns
2
13
TdDS(R/W)
DS Rise to R/W Not
Valid
3.0
45
35
45
35
ns
2
5.5
45
35
45
35
ns
2
14
TdDW(DSW) WRITE Data Valid to
DS Fall (WRITE)
Delay
3.0
55
25
55
25
ns
2
5.5
55
25
55
25
ns
2
15
TdDS(DW)
DS Rise to WRITE
Data Not Valid Delay
3.0
45
35
45
35
ns
2
5.5
45
35
45
35
ns
2
16
TdA(DR)
Address Valid to
Read Data Req’d
Valid
3.0
310
230
310
230
ns
2,3
5.5
310
230
310
230
ns
2,3
Notes:
1. The VCC voltage specification of 3.0V guarantees 3.3V ± 0.3V, and the VCC voltage specification of 5.5V guarantees 5.0V
± 0.5V.
2. Timing numbers provided are for minimum TpC.
3. When using extended memory timing add 2 TpC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com