Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 22 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 22 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 18Page - Zilog, Inc. Z86C34 Datasheet HTML 19Page - Zilog, Inc. Z86C34 Datasheet HTML 20Page - Zilog, Inc. Z86C34 Datasheet HTML 21Page - Zilog, Inc. Z86C34 Datasheet HTML 22Page - Zilog, Inc. Z86C34 Datasheet HTML 23Page - Zilog, Inc. Z86C34 Datasheet HTML 24Page - Zilog, Inc. Z86C34 Datasheet HTML 25Page - Zilog, Inc. Z86C34 Datasheet HTML 26Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
22
P R E L I M I N A R Y
DS007601-Z8X0499
PIN FUNCTIONS
R/RL (input, active Low).
The ROM/ROMless pin, when
connected to GND, disables the internal ROM and forces
the device to function as a ROMless Z8. (Not available for
devices in the 28-pin package.)
Notes: When left unconnected or pulled High to VCC, the
device functions normally as a Z8 ROM version.
When using in ROM Mode in a high-EMI (noisy)
environment, the ROMless pins should be connected
directly to VCC.
DS (output, active Low).
Data Strobe is activated one
time for each external memory transfer. For a READ oper-
ation, data must be available prior to the trailing edge of DS.
For WRITE operations, the falling edge of DS indicates that
output data is valid. (Not available for devices in the 28-
pin package.)
AS (output, active Low).
Address Strobe is pulsed one
time at the beginning of each machine cycle for external
memory transfer. Address output is from Port 0/Port 1 for
all external programs. Memory address transfers are valid
at the trailing edge of AS. Under program control, AS is
placed in the high-impedance state along with Ports 0 and
1, Data Strobe, and READ/WRITE. (Not available for de-
vices in the 28-pin package.)
XTAL1 Crystal 1 (time-based input).
This pin connects a
parallel-resonant crystal, ceramic resonator, LC, or RC net-
work, or an external single-phase clock to the on-chip os-
cillator input.
XTAL2 Crystal 2 (time-based output).
This pin connects
a parallel-resonant crystal, ceramic resonant, LC, or RC net-
work to the on-chip oscillator output.
R/W (output, WRITE Low).
The READ/WRITE signal is
Low when the Z8 is writing to the external program or data
memory. (Not available for devices in the 28-pin package.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com