Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 45Page - Zilog, Inc. Z86C34 Datasheet HTML 46Page - Zilog, Inc. Z86C34 Datasheet HTML 47Page - Zilog, Inc. Z86C34 Datasheet HTML 48Page - Zilog, Inc. Z86C34 Datasheet HTML 49Page - Zilog, Inc. Z86C34 Datasheet HTML 50Page - Zilog, Inc. Z86C34 Datasheet HTML 51Page - Zilog, Inc. Z86C34 Datasheet HTML 52Page - Zilog, Inc. Z86C34 Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
49
Bit 7 is the Multiprocessor Enable
The ASCI features a multiprocessor communication mode
that utilizes an extra data bit for selective communication
when a number of processors share a common serial bus.
Multiprocessor data format is selected when the MP bit in
the corresponding register is set to 1. If multiprocessor
mode is not selected (MP bit in CNTLB = 0), multiprocessor
enable (MPE) has no effect. If multiprocessor mode is se-
lected (MP bit in CNTLB = 1), MPE enables or disables the
wake-up feature as follows. If MPE is set to 1, only received
bytes in which the multiprocessor bit (MPB) = 1 are treated
as valid data characters and loaded into the receiver FIFO
with corresponding error flags in the status FIFO. Bytes
with MPB = 0 are ignored by the ASCI. If MPE is reset to
0
, all bytes are received by the ASCI, regardless of the state
of the MPB data bit.
Bit 6 is the Receiver Enable
When Receiver Enable(RE) is set to 1,the ASCI receiver is
enabled. When RE is reset to 0, the receiver is disabled and
any receive operation in progress is aborted. However, the
previous contents of the receiver data and status FIFO are
not affected.
Bit 5 is the Transmitter Enable
When Transmitter Enable(TE) is set to 1,the ASCI trans-
mitter is enabled. When TE is reset to 0, the transmitter is
disabled and any transmit operation in progress is aborted.
However, the previous contents of the transmitter data reg-
ister and the TDRE flag are not affected.
Bit 4 is Reserved
Bit 3 is the Multiprocessor Bit Receive
(Read only)
When multiprocessor mode is enabled (MP in CNTLB = 1),
this bit, when read, contains the value of the MPB bit for
the data byte currently available at the Receive Data Reg-
ister (the top of the receiver FIFO).
Bit 3 is the Error Flag Reset (WRITE ONLY)
When written to 0, the error flags (OVRN, FE; PE in STAT
and BRK in ASEXT) are cleared to 0. This command self-
resets, and as a result, writing EFR to a 1 is not required.
Bits 2–0 are the ASCI Data Format Mode 2,1,0
These bits program the ASCI data format.
If MOD1 = 1, parity is checked on received data and a parity
bit is appended to the data bits in the transmitted data. Parity
Even/Odd (PEO) in CNTLB selects even or odd parity.
The ASCI serial data format is illustrated in Figure 34.
Table 20. Format Mode Control Bits
Bit
Name Function
Bit = 0
Bit = 1
2
MOD2 Number of Data Bits
7
8
1
MOD1 Parity Enabled
No
Parity
With
Parity
0
MOD0 Number of Stop Bits
1
2
Figure 34. ASCI Serial Data Format
7 or 8 bits Data Field
Start
Parity
Bit
Bit
1 or 2
Stop Bit(s)
it



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com