Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 37 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 37 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 33Page - Zilog, Inc. Z86C34 Datasheet HTML 34Page - Zilog, Inc. Z86C34 Datasheet HTML 35Page - Zilog, Inc. Z86C34 Datasheet HTML 36Page - Zilog, Inc. Z86C34 Datasheet HTML 37Page - Zilog, Inc. Z86C34 Datasheet HTML 38Page - Zilog, Inc. Z86C34 Datasheet HTML 39Page - Zilog, Inc. Z86C34 Datasheet HTML 40Page - Zilog, Inc. Z86C34 Datasheet HTML 41Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
37
Power-On-Reset (POR).
A timer circuit clocked by a ded-
icated on-board RC oscillator is used for the Power-On Re-
set (POR) timer function. The POR time allows VCC and the
oscillator circuit to stabilize before instruction execution
begins.
The POR timer circuit is a one-shot timer triggered by one
of three conditions:
1. Power fail to Power OK status.
2. Stop-Mode Recovery (if D5 of SMR = 1).
3. WDT time-out.
The POR time is specified as TPOR. Bit 5 of the Stop-Mode
Register determines whether the POR timer is bypassed af-
ter Stop-Mode Recovery (typical for external clock, RC/LC
oscillators).
HALT. HALT
turns off the internal CPU clock, but not the
XTAL
oscillation. The counter/timers and external inter-
rupts IRQ0, IRQ1, IRQ2, and IRQ3 remain active. The de-
vices are recovered by interrupts and are either externally
or internally generated. An interrupt request must be en-
abled and executed to exit HALT mode. After the interrupt
service routine, the program continues from the instruction
after the HALT.
In order to enter STOP (or HALT) mode, it is necessary to
first flush the instruction pipeline to avoid suspending ex-
ecution in mid-instruction. Therefore, the user must execute
a NOP (Op Code = FFH) immediately before the appropriate
sleep instruction. For example:
STOP.
This instruction turns off the internal clock and ex-
ternal crystal oscillation. It also reduces the standby current
to 10 µA or less. The STOP mode is terminated by a RESET
only, either by WDT time-out, POR, SMR recovery, or ex-
ternal reset. As a result, the processor restarts the applica-
tion program at address 000Ch. A WDT time-out in STOP
mode affects all registers the same as if a Stop-Mode Re-
covery occurred via a selected Stop-Mode Recovery source
except that the POR delay is enabled even if the delay is se-
lected for disable.
Note: If a permanent WDT is selected, the WDT runs in all
modes and cannot be stopped or disabled if the onboard
RC
oscillator is selected to drive the WDT.
Port Configuration Register (PCON).
The PCON regis-
ter configures the ports individually; comparator output on
Port 3, open-drain on Port 0 and Port 1, low EMI on Ports
Figure 24. Oscillator Configuration
XTAL1
XTAL2
C1
C2
C1
C2
C1
XTAL1
XTAL2
XTAL1
XTAL2
XTAL1
XTAL2
Ceramic Resonator or
Crystal
C1, C2 = 47 pF TYP *
f = 8 MHz
LC
C1, C2 = 22 pF
L = 130 uH *
f = 3 MHz *
RC
@ 5V V
(TYP)
C1 = 33 pF *
R = 1K *
f = 6 MHz *
External Clock
LR
*Preliminary value including pin parasitics
**Device ground pin
V **
SS
V **
SS
V **
SS
V **
SS
V **
SS
CC
FF
NOP
; clear the pipeline
6F
STOP
; enter STOP mode
or
FF
NOP
; clear the pipeline
7F
HALT
; enter HALT Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com