Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 17Page - Zilog, Inc. Z86C34 Datasheet HTML 18Page - Zilog, Inc. Z86C34 Datasheet HTML 19Page - Zilog, Inc. Z86C34 Datasheet HTML 20Page - Zilog, Inc. Z86C34 Datasheet HTML 21Page - Zilog, Inc. Z86C34 Datasheet HTML 22Page - Zilog, Inc. Z86C34 Datasheet HTML 23Page - Zilog, Inc. Z86C34 Datasheet HTML 24Page - Zilog, Inc. Z86C34 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
21
Table 9. Handshake Timing1
TA = 0°C to +70°C
TA = –40°C to +105°C
12 MHz
16 MHz
12 MHz
16 MHz
Data
Direction
No
Symbol
Parameter
VCC
2
Min Max Min Max Min Max Min Max
1
TsDI(DAV)
Data In Setup Time
3.0V
0
0
0
0
IN
5.5V
0
0
0
0
IN
2
ThDI(RDY)
Data In Hold Time
3.0V
0
0
0
0
IN
5.5V
0
0
0
0
IN
3
TwDAV
Data Available Width
3.0V
155
155
155
155
IN
5.5V
110
110
110
110
IN
4
TdDAVI(RDY)
DAV Fall to RDY Fall
Delay
3.0V
0
0
0
0
IN
5.5V
0000
IN
5
TdDAVId(RDY) DAV Out to DAV Fall
Delay
3.0V
120
120
120
120
IN
5.5V
80
80
80
80
IN
6
RDY0d(DAV)
RDY Rise to DAV Fall
Delay
3.0V
0000
IN
5.5V
0000
IN
7
TdD0(DAV)
Data Out to DAV Fall
Delay
3.0V
42
31
42
31
OUT
5.5V
42
31
42
31
OUT
8
TdDAV0(RDY)
DAV Fall to RDY Fall
Delay
3.0V
0000
OUT
5.5V
0000
OUT
9
TdRDY0(DAV)
RDY Fall to DAV Rise
Delay
3.0V
160
160
160
160
OUT
5.5V
115
115
115
115
OUT
10
TwRDY
RDY Width
3.0V
110
110
110
110
OUT
5.5V
80
80
80
80
OUT
11
TdRDY0d(DAV) RDY Rise to DAV Fall
Delay
3.0V
110
110
110
110
OUT
5.5V
80
80
80
80
OUT
Note:
1. Timing Reference uses 0.7 VCC for a logic 1 and 0.2 VCC for a logic 0.
2. The VCC voltage specification of 3.0V guarantees 3.3V ±0.3V. The VCC voltage specification of 5.5V guarantees 5.0V ±0.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com