Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 5Page - Zilog, Inc. Z86C34 Datasheet HTML 6Page - Zilog, Inc. Z86C34 Datasheet HTML 7Page - Zilog, Inc. Z86C34 Datasheet HTML 8Page - Zilog, Inc. Z86C34 Datasheet HTML 9Page - Zilog, Inc. Z86C34 Datasheet HTML 10Page - Zilog, Inc. Z86C34 Datasheet HTML 11Page - Zilog, Inc. Z86C34 Datasheet HTML 12Page - Zilog, Inc. Z86C34 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
9
DC ELECTRICAL CHARACTERISTICS
Table 5. DC Characteristics
TA =
0°C to +70°C
TA =
–40°C to +105°C
Sym
Parameter
VCC
1
Min
Max
Min
Max
Typical2
@25°C
Units Conditions
Notes
VCH
Clock Input
High
Voltage
3.0V
0.7 VCC
VCC+0.3
0.7 VCC
VCC+0.3
1.8
V
Driven by
External Clock
Generator
5.5V
0.7 VCC
VCC+0.3
0.7 VCC
VCC+0.3
2.6
V
Driven by
External Clock
Generator
VCL
Clock Input
Low
Voltage
3.0V
GND–0.3
0.2 VCC
GND–0.3
0.2 VCC
1.2
V
Driven by
External Clock
Generator
5.5V
GND–0.3
0.2 VCC
GND–0.3
0.2 VCC
2.1
V
Driven by
External Clock
Generator
VIH
Input High
Voltage
3.0V
0.7 VCC
VCC+0.3
0.7 VCC
VCC+0.3
1.8
V
5.5V
0.7 VCC
VCC+0.3
0.7 VCC
VCC+0.3
2.6
V
VIL
Input Low
Voltage
3.0V
GND–0.3
0.2 VCC
GND–0.3
0.2 VCC
1.1
V
5.5V
GND–0.3
0.2 VCC
GND–0.3
0.2 VCC
1.6
V
VOH
Output
High
Voltage
(Low-EMI
Mode)
3.0V
VCC–0.4
VCC–0.4
3.1
V
IOH = –0.5 mA
5.0V
VCC–0.4
VCC–0.4
4.8
V
IOH = –0.5 mA
VOH1
Output
High
Voltage
3.0V
VCC–0.4
VCC–0.4
3.1
V
IOH = –2.0 mA
3
5.5V
VCC–0.4
VCC–0.4
4.8
V
IOH = –2.0 mA
3
VOL
Output Low
Voltage
(Low-EMI
Mode)
3.0V
0.6
0.6
0.2
V
IOL = 1.0 mA
5.0V
0.4
0.4
0.1
V
IOL = 1.0 mA
VOL1
Output Low
Voltage
3.0V
0.6
0.6
0.2
V
IOL = +4.0 mA
3
5.5V
0.4
0.4
0.1
V
IOL = +4.0 mA
3
Notes:
1. The VCC voltage specification of 3.0V guarantees 3.3V ±0.3V with typicals at VCC = 3.3V, and the VCC voltage
specification of 5.5V guarantees 5.0V ±0.5V with typicals at VCC = 5.0V.
2. Typicals are at VCC = 5.0V and 3.3V.
3. Standard Mode (not Low EMI).
4. Not applicable to devices in 28-pin packages.
5. For analog comparator, inputs when analog comparators are enabled.
6. All outputs unloaded, I/O pins floating, inputs at rail.
7. Same as note 6, except inputs at VCC.
8. Clock must be forced Low, when XTAL 1 is clock-driven and XTAL2 is floating.
9. 0ºC to 70ºC (standard temperature).
10. Auto Latch (Mask Option) selected.
11. The VLV voltage increases as the temperature decreases and overlaps lower VCC operating region.
12. –40˚C to 150˚C (extended temperature).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com