Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 36 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 36 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 32Page - Zilog, Inc. Z86C34 Datasheet HTML 33Page - Zilog, Inc. Z86C34 Datasheet HTML 34Page - Zilog, Inc. Z86C34 Datasheet HTML 35Page - Zilog, Inc. Z86C34 Datasheet HTML 36Page - Zilog, Inc. Z86C34 Datasheet HTML 37Page - Zilog, Inc. Z86C34 Datasheet HTML 38Page - Zilog, Inc. Z86C34 Datasheet HTML 39Page - Zilog, Inc. Z86C34 Datasheet HTML 40Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
36
P R E L I M I N A R Y
DS007601-Z8X0499
FUNCTIONAL DESCRIPTION (Continued)
An interrupt resulting from AN1 maps to IRQ2, and an in-
terrupt from AN2 maps to IRQ0. Interrupts IRQ2 and IRQ0
may be rising, falling, or both edge-triggered, and are pro-
grammable by the user. The software may poll to identify
the state of the pin. When in analog mode, the IRQ1 gener-
ates by the Stop-Mode Recovery source selected by SMR
Reg. bits D4, D3, D2, or SMR2 D1 or D0.
Programming bits for the Interrupt Edge Select are located
in the IRQ register (R250), bits D7 and D6. The configura-
tion is indicated in Table 12.
Clock.
The Z8 on-chip oscillator features a high-gain, par-
allel-resonant amplifier for connection to a crystal, LC, RC,
ceramic resonator, or any suitable external clock source
(XTAL1 = INPUT, XTAL2 = OUTPUT). The crystal should
be AT-cut, 16 MHz maximum, with a series resistance (RS)
of less than or equal to 100 Ohms when counting from
1 MHz to 16 MHz.
The crystal should be connected across XTAL1 and XTAL2
using the vendor’s recommended capacitor values from
each pin directly to the device Ground pin to reduce ground-
noise injection into the oscillator. The RC oscillator option
is mask-programmable on the Z8 and is selected by the cus-
tomer at the time when the ROM code is submitted.
Notes: The RC option is available up to 8 MHz. The RC
oscillator configuration must be an external resistor
connected from XTAL1 to XTAL2, with a frequency-
setting capacitor from XTAL1 to Ground (Figure 24).
For better noise immunity, the capacitors should be tied
directly to the device Ground pin (VSS).
Table 12. IRQ Register
IRQ
Interrupt Edge
D7
D6
P31
P32
00FF
01F
R
1
0RF
1
1
R/F
R/F
Notes:
F = Falling Edge
R = Rising Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com