Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z86C34 Datasheet HTML 1Page - Zilog, Inc. Z86C34 Datasheet HTML 2Page - Zilog, Inc. Z86C34 Datasheet HTML 3Page - Zilog, Inc. Z86C34 Datasheet HTML 4Page - Zilog, Inc. Z86C34 Datasheet HTML 5Page - Zilog, Inc. Z86C34 Datasheet HTML 6Page - Zilog, Inc. Z86C34 Datasheet HTML 7Page - Zilog, Inc. Z86C34 Datasheet HTML 8Page - Zilog, Inc. Z86C34 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
2
P R E L I M I N A R Y
DS007601-Z8X0499
GENERAL DESCRIPTION (Continued)
configurable under software control to provide timing, sta-
tus signals, parallel I/O with or without handshake, and ad-
dress/data bus for interfacing external memory.
To unburden the system from coping with real-time tasks
such as counting/timing and data communication, the Z8
offer two on-chip counter/timers with a large number of
user-selectable modes.
With ROM/ROMless selectivity, the Z86C44/C45/C46
provide both external memory and preprogrammed ROM,
which enables this Z8® MCU to be used in high-volume ap-
plications, or where code flexibility is required.
Note: All signals with an overline are active Low. For exam-
ple, B/
W, for which WORD is active Low, and B/W, for
which BYTE is active Low.
Power connections follow these conventional descriptions:
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS
Figure 1. Functional Block Diagram
Port 3
Counter/
Timers (2)
Interrupt
Control
Two Analog
Comparators
Port 2
I/O
(Bit Programmable)
ALU
FLAG
Register
Pointer
Register File
Machine
Timing & Inst.
Control
RESET
WDT, POR
Program
Memory
Program
Counter
V
GND
XTAL
44
Port 0
AS DS R/W RESET
Output
Input
Port 1
8
Address or I/O
(Nibble Programmable)
Address/Data or I/O
(Byte Programmable)
(C44/C45/C46 Only)
(C44/C45/C46 Only)
CC
Full-Duplex
UART
16-Bit Baud
Rate Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com