Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 27Page - Analog Devices AD9929BBCZ Datasheet HTML 28Page - Analog Devices AD9929BBCZ Datasheet HTML 29Page - Analog Devices AD9929BBCZ Datasheet HTML 30Page - Analog Devices AD9929BBCZ Datasheet HTML 31Page - Analog Devices AD9929BBCZ Datasheet HTML 32Page - Analog Devices AD9929BBCZ Datasheet HTML 33Page - Analog Devices AD9929BBCZ Datasheet HTML 34Page - Analog Devices AD9929BBCZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
AD9929
Rev. A | Page 31 of 64
H1 AND H2 BLANKING
The AD9929 provides three options for controlling the period
where H1 and H2 pulses get blanked. These options are normal
H blanking, selective positioning for 2 H1 and H2 outputs, and
extended blanking. In all cases, HBLKMASK is used to set the
polarity of H1 during the blanking period. Table 21 describes
the registers used to control H blanking.
Normal H-Blanking
For normal H-blanking operation, HPULSECNT = 0 and
BLKMASK = 0 or 1. The HBLKPOS register isn’t used in this
mode. Figure 27 shows one example where HBLKMASK = 0
and H1 and H2 are blanked while HD is low.
Selective Positioning for Two H1 and H2 Outputs
For selective positioning operation, HPULSECNT = 1 and
HBLKMASK = 0 or 1. In this mode, two H1 pulses are output
during the blanking period. The location of these two pulse is
set using the HBLKPOS register, as shown in Figure 28.
Extended Blanking
Extended blanking is enabled by setting HBLKEXT = 1. The
HBLKEXT register uses the 9-bit BL counter to suspend
operation of the HD and HL counters. This delays the blanking
period by the length set in the BLLEN register, as shown in
Figure 29.
Table 21. H1 Blanking Registers
Register
Name
Bit
Width
Register Type
Description
HBLKMASK
1
Control (0x01)
Masking Polarity for H1 during Blanking Period1
(0 = Low, 1 = High)
HPULSECNT
1
Control (0x0A)
H Pulse Control during Blanking Period
HBLKEXT
1
Control (0x0A)
(0 = No Output during Blanking,1 = Output during Blanking ) H Pulse Blanking Extends
Control2
(0 = Extended Blanking Disabled, 1 = Extended Blanking Enabled)
H1BLKRETIME
1
Control (0x03)
Retimes the H1 HBLK to Internal Clock
(0 = Retiming Disabled, 1 = Retiming Enabled)
HBLKHPOS
10
Sys_Reg(11)
H1 Pulse ON Position during Blanking Period
1 H2 is always the opposite polarity of H1.
2 The HBLKEXT extend control extends the blanking period by the number of counts set in the BLLEN register for the 9-bit BL counter.
HD
HBLK
(INTERNAL)
RG
H1
H2
HDRISE
1
NOTES
1. THE RISING EDGE OF HBLK IS ALWAYS THE SAME AS HDRISE
Figure 27. Normal H-Blanking Operation HBLKMASK = 0, HPULSECNT = 0, HBLKHPOS = XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com