Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 45Page - Analog Devices AD9929BBCZ Datasheet HTML 46Page - Analog Devices AD9929BBCZ Datasheet HTML 47Page - Analog Devices AD9929BBCZ Datasheet HTML 48Page - Analog Devices AD9929BBCZ Datasheet HTML 49Page - Analog Devices AD9929BBCZ Datasheet HTML 50Page - Analog Devices AD9929BBCZ Datasheet HTML 51Page - Analog Devices AD9929BBCZ Datasheet HTML 52Page - Analog Devices AD9929BBCZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
AD9929
Rev. A | Page 49 of 64
VD
XVSGLEN_0
XVSGACTLINE
HD
NOTES
1. XVSGTOG_x (x = 0, 1) REFERENCES THE 13-BIT ST COUNTER
2. XVSGACTLINE (PROGRAMMABLE AT MODE_REG(1))
3. XVSGLEN (PROGRAMMABLE AT SYS_REG(14))
PROGRAMMABLE CLOCK POSITIONS
1. XVSGTOG_0 (PROGRAMMABLE AT SYS_REG(13))
2. XVSGTOG_1 (PROGRAMMABLE AT SYS_REG(13))
1
13-BIT
ST COUNTER
(FIXED)
01
2
3
XVSGTOG_0
XVSGLEN_1
2
XVSGTOG_1
Figure 55. Example of VSG Pulse
VD
HD
VSUB
1
2
3
4
5
6
SERIAL
WRITES
2 LINES
3 LINES
Figure 56. VSUB Timing Example
VSUB TIMING
The CCD readout bias (VSUB) can be programmed to accom-
modate different CCDs. VSUB on and off toggle positions and
polarity are controlled using VSUBTOG (Address 0x0D) and
VSUBPOL (Address 0x0D) registers, respectively, as described
in Table 36. Since the VSUBTOG is an 11-bit register, the VSUB
on position is programmable within any line. Figure 56 shows
an example of controlling VSUB using these registers.
Table 36. VSUB Registers
Register
Name
Bit
Width
Register
Type
Range
(Lines)
Description
VSUBPOL
1
Control
–
VSUBTOG
11
Control
0–2048
(0 = Low,
1 = High)
VSUB toggle
position
VSUB Placement and Polarity
Figure 56 shows the sequence of events for programming the
VSUB on and off toggle positions and polarity.
1.
Program VSUBTOG = 2 and VSUBPOL = 1.
2.
Since the VSUBTOG and VSUBPOL are VD synchronous
type registers, the falling edge of VD updates the serial
writes from Step 1.
3.
VSUB is asserted high after two HD cycles.
4.
Program VSUBTOG = 3 and VSUBPOL = 0.
5.
Since the VSUBTOG and VSUBPOL are VD synchronous
type registers, the falling edge of VD updates the serial
writes from Step 4.
6.
VSUB is asserted low after three HD cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com