Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 16Page - Analog Devices AD9929BBCZ Datasheet HTML 17Page - Analog Devices AD9929BBCZ Datasheet HTML 18Page - Analog Devices AD9929BBCZ Datasheet HTML 19Page - Analog Devices AD9929BBCZ Datasheet HTML 20Page - Analog Devices AD9929BBCZ Datasheet HTML 21Page - Analog Devices AD9929BBCZ Datasheet HTML 22Page - Analog Devices AD9929BBCZ Datasheet HTML 23Page - Analog Devices AD9929BBCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
AD9929
Rev. A | Page 20 of 64
SERIAL INTERFACE TIMING
All of the internal registers of the AD9929 are accessed through
a 3-wire serial interface. The 3-wire interface consists of a clock
(SCK), serial load (SL), and serial data (SDATA).
The AD9929 has three different register types that are confi-
gured by the 3-wire serial interface. As described in Table 13,
the three register types are control registers, system registers,
and mode registers.
Table 13. Types of Serial Interface Registers
Register
Address
Number of Registers
Control
0x00 to
0xD6
24-Bit Registers at Each Address. Not All
Addresses Are Used. See Table 8.
System
0x14
Seventeen 32-Bit System Registers at
Address 0x14. See Table 9.
Mode_A
0x15
Eight 32-bit Mode_A Registers at Address
0x15. See Table 10.
Mode_B
0x16
Eight 32-Bit Mode_B Registers at Address
0x16. See Table 11.
Registers
Control Register Serial Interface
The control register 3-wire interface timing requirements are
shown in Figure 10. Control data must be written into the
device one address at a time due to the noncontiguous address
spacing for the control registers. This requires writing 8 bits of
address data followed by 24 bits of configuration data between
each active low period of SL for each address. The SL signal
must be kept high for at least one full SCK cycle between
successive writes to control registers.
System Register Serial Interface
There are seventeen 32-bit system registers that are accessed
sequentially at Address 0x14, beginning with Sys_Reg [0]. When
writing to the system registers, SDATA contains the 8-bit
Address 0x14, followed by Number Writes N [23:0], followed by
the Sys_Reg [31:0] data, as shown in Figure 5. The system
register map is listed in Table 9.
The value of the Number Writes N [23:0] word determines one
of two options when writing to the system registers. If Number
Writes N[23:0] = 0x000000, the device enters a mode where it
expects all 17 Sys_Reg [31:0] data-words to be clocked in before
SL is asserted high. If the Number Writes N [23:0] is decoded as
some number N other than 0x000000, then the device expects
N number of registers to be programmed, where N equals the
value of Number Writes N [23:0]. For example: if Number
Writes N[23:0] = 0x000004, the device would expect data to be
provided for Sys_Reg [3:0]. In all cases, the system registers are
written beginning with Sys_Reg [0], regardless of the value of
Number Writes N [23:0]. Note that SL can be brought high or
low during access to system registers, as shown in Figure 11.
Mode_A and Mode_B Register Serial Interface
There are eight 32-bit Mode_A and eight 32-bit Mode_B
registers that get accessed sequentially at Address 0x15 and
Address 0x16, respectively. Mode_A and Mode_B registers are
written to in exactly the same way as the system registers, as
explained previously. The mode registers are listed in Table 10
and Table 11.
To change operation between Mode_A and Mode_B, set the
1-bit mode register (Address 0x0A). The desired Mode_A
(Address 0x15) or Mode_B (Address 0x16) data must be
programmed into the Mode_A or Mode_B registers before
changing the mode bit.
SDATA
SCK
SL
A5
A6
D22
D21
D3
D2
D1
tDS
tDH
tLS
tLH
NOTES
1. SDATA BITS ARE INTERNALLY LATCHED ON THE RISING EDGES OF SCK.
2. SYSTEM UPDATE OF LOADED REGISTERS OCCURS ON SL RISING EDGE.
3. THIS TIMING PATTERN MUST BE WRITTEN FOR EACH REGISTER WRITE WITH SL REMAINING HIGH FOR AT
LEAST ONE FULL SCK PERIOD BEFORE ASSERTING SL LOW AGAIN FOR THE NEXT REGISTER WRITE.
A7
A4
A3
A2
A1
A0
D23
....
....
D0
12
3
4
5
6
7
8
9
10
11
29
30
31
32
Figure 10. 3-Wire Serial Interface Timing for Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com