Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 2Page - Analog Devices AD9929BBCZ Datasheet HTML 3Page - Analog Devices AD9929BBCZ Datasheet HTML 4Page - Analog Devices AD9929BBCZ Datasheet HTML 5Page - Analog Devices AD9929BBCZ Datasheet HTML 6Page - Analog Devices AD9929BBCZ Datasheet HTML 7Page - Analog Devices AD9929BBCZ Datasheet HTML 8Page - Analog Devices AD9929BBCZ Datasheet HTML 9Page - Analog Devices AD9929BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
AD9929
Rev. A | Page 6 of 64
Parameter
Symbol
Min
Typ
Max
Unit
V2 and V4 Outputs (See Figure 43)
Delay Times
VL to VM2
tPLM2
100
ns
VM2 to VL
tPML2
50
ns
Rise Times
VL to VM2
tR3
500
ns
Fall Times
VM2 to VL
tF3
500
ns
Output Currents
V2 or V2 @ VL =−7.25 V
10.0
mA
V2 or V4 @ VM2 = −0.25 V
−5.0
mA
SUBCK Output (See Figure 44)
Delay Times
VL to VH2
tPLH
100
ns
VH2 to VL
tPHL
50
ns
Rise Times
VL to VH2
tR4
90
ns
Fall Times
VH2 to VL
tF4
90
ns
Output Currents
SUBCK @ VL = −7.25 V
5.4
mA
SUBCK @ VH2 = 14.75 V
−4.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com