Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 5Page - Analog Devices AD9929BBCZ Datasheet HTML 6Page - Analog Devices AD9929BBCZ Datasheet HTML 7Page - Analog Devices AD9929BBCZ Datasheet HTML 8Page - Analog Devices AD9929BBCZ Datasheet HTML 9Page - Analog Devices AD9929BBCZ Datasheet HTML 10Page - Analog Devices AD9929BBCZ Datasheet HTML 11Page - Analog Devices AD9929BBCZ Datasheet HTML 12Page - Analog Devices AD9929BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
AD9929
Rev. A | Page 9 of 64
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
A
B
C
D
E
F
G
H
J
K
AD9929
TOP VIEW
(Not to Scale)
1 234567 8910
A 1 CORNER
INDEX AREA
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin
Mnemonic
Type1
Description
D1
VD
DIO
Vertical Sync Pulse (Input for Slave
Mode, Output for Master Mode)
D2
HD
DIO
Horizontal Sync Pulse (Input for
Slave Mode, Output for Master
Mode)
B8
D0
DO
Data Output
A8
D1
DO
Data Output
A7
D2
DO
Data Output
B7
D3
DO
Data Output
A6
D4
DO
Data Output
B6
D5
DO
Data Output
B5
D6
DO
Data Output
A4
D7
DO
Data Output
B3
D8
DO
Data Output
A3
D9
DO
Data Output
B2
D10
DO
Data Output
A2
D11
DO
Data Output
A1
DCLK1
DO
Data Clock Output
B4
DRVSS
P
Data Output Driver Ground
A5
DRVDD
P
Data Output Driver Supply
G9
SUBCK
DO
CCD Substrate Clock
(2 Level: VH2, VL)
D10
V1
DO
CCD Vertical Transfer Clock
(3 Level: VH1, VM1, VL)
E9
V2
DO
CCD Vertical Transfer Clock
(2 Level: VM2, VL)
G10
V3
DO
CCD Vertical Transfer Clock
(3 Level: VH1, VM1, VL)
H9
V4
DO
CCD Vertical Transfer Clock
(2 Level: VM2, VL)
H10
VH1
P
Vertical Driver High Supply
(High Supply for V1 and V3)
C10
VM1
P
Vertical Driver Midsupply
(Midsupply for V1 and V3)
F10
VM2
P
Vertical Driver Midsupply
(Midsupply for V2 and V4)
F9
VL
P
Vertical Driver Low Supply
E10
VH2
P
Vertical Driver High Supply for
SUBCK
1 AI = Analog Input, AO = Analog Output, DI = Digital Input,
DO = Digital Output, DIO = Digital Input/Output, P = Power.
Pin
Mnemonic
Type1
Description
B10
VDD
P
Vertical Driver Input Logic Supply
J9
VDVSS
P
Vertical Driver Ground
A9
VSUB
DO
CCD Substrate Bias
G1
H1
DO
CCD Horizontal Clock
F1
H2
DO
CCD Horizontal Clock
E1
HVDD
P
H1 and H2 Driver Supply
E2
HVSS
P
H1 and H2 Driver Ground
F2
HVSS
P
H1 and H2 Driver Ground
G2
HVSS
P
H1 and H2 Driver Ground
H1
RG
DO
CCD Reset Gate Clock
J1
RGVDD
P
RG Driver Supply
H2
RGVSS
P
RG Driver Ground
C9
SYNC or
VGATE
DI
DI
External System Sync Input
VGATE Input
C1
FD or
DCLK2
DO
DO
Field Designator Output
DCLK2 Output
K3
AVDD
P
Analog Supply for AFE
J3
AVSS
P
Analog Ground for AFE
J4
AVSS
P
Analog Ground for AFE
J5
AVSS
P
Analog Ground for AFE
J6
AVSS
P
Analog Ground for AFE
J7
AVSS
P
Analog Ground for AFE
J8
AVSS
P
Analog Ground for AFE
K4
AVSS
P
Analog Ground for AFE
K6
AVSS
P
Analog Ground for AFE
J2
CLI
DI
Reference Clock Input
K2
TCVDD
P
Analog Supply for Timing Core
K1
TCVSS
P
Analog Ground for Timing Core
K5
CCDIN
AI
CCD Input Signal
K7
REFT
AO
Voltage Reference Top Bypass
K8
REFB
AO
Voltage Reference Bottom Bypass
K9
SDATA
DI
3-Wire Serial Data Input
K10
SL
DI
3-Wire Serial Load Pulse
J10
SCK
DI
3-Wire Serial Clock
D9
OUTCONT
DI
Output Control
B1
MSHUT
DO
Mechanical Shutter Pulse
C2
STROBE
DO
Strobe Pulse
A10
DVDD
P
Digital Supply
B9
DVSS
P
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com