Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 44Page - Analog Devices AD9929BBCZ Datasheet HTML 45Page - Analog Devices AD9929BBCZ Datasheet HTML 46Page - Analog Devices AD9929BBCZ Datasheet HTML 47Page - Analog Devices AD9929BBCZ Datasheet HTML 48Page - Analog Devices AD9929BBCZ Datasheet HTML 49Page - Analog Devices AD9929BBCZ Datasheet HTML 50Page - Analog Devices AD9929BBCZ Datasheet HTML 51Page - Analog Devices AD9929BBCZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
AD9929
Rev. A | Page 48 of 64
VSG TIMING
The VSG Timing is controlled using the registers in Table 35.
Two unique preprogrammed VSG pulses can be configured
using the XVSGTOG_x (x = 0, 1) registers. As shown in
Figure 55, the period of the VSG pulse is set by programming
the XVSGLEN_x registers. The XVSGSELx (x = 1, 2) can then
be used to select the XVSGTOG_0 or XVSGTOG_1 pulse.
Figure 55 also shows an example of the XVSG pulse being
output in the fourth line by setting the XVSGACTLINE = 3.
The XVSG pulses references the 13-bit fixed ST counter, which
starts counting from the line set in the XVSGACTLINE register.
The 13-bit counter allows for overlapping of the XVSG pulse
into the next line if needed.
Figure 53 describes the XVSG1 and XVSG2 MUX operation
using the XVSGSELx registers.
XVSGTOG_0
XVSGTOG_1
XVSGSEL1
XVSG1
XVSGTOG_0
XVSGTOG_1
XVSGSEL2
XVSG2
(APPLIED TO XV1)
(APPLIED TO XV3)
Figure 53. XVSGSELx Registers
HD
XSUBCK
12
3
9-BIT
OL-COUNTER
Figure 54. Electronic Shutter Timing Example with XSUBCKMODE_HP = 1 and XSUBCKNUM_HP = 3.
Table 35. VSG Registers
Register
Name
Bit
Width
Register Type
Reference
Counter
Range
Description
XVSGMASK
6
Control (Address 0x0A)
–
–
VSG Mask Control
(00 = XVSG1 Masked, XVSG2 Masked)
(02 = XVSG1 Not Masked, XVSG2 Masked)
(08 = XVSG1 Masked, XVSG2 Not Masked)
(0A= XVSG1 Not Masked, XVSG2 Not Masked)
XVSG_EN
1
Control (Address 0x0B)
–
High/Low
XVSG Output Enable Control (0 = Disable
XVSG Outputs, 1 = Enable XVSG Outputs)
XVSGTOG_0
11
Sys_Reg(13)
ST
0–8191 Pixels
XVSGTOG_0 Toggle Position
XVSGTOG_1
11
Sys_Reg(13)
ST
0–8191 Pixels
XVSG TOG_1 Toggle Position
XVSGLEN_0
8
Sys_Reg(14)
ST
0–255 Pixels
XVSGTOG_0 Pulse Width
XVSGLEN_1
8
Control (Address 0x0F)
ST
0–255 Pixels
XVSGTOG_1 Pulse Width
XVSGSEL1
1
Mode_Reg(1)
–
High/Low
XVSG1 Selector
(0 = XVSGTOG_0 Applied on XVSG1,
1 = XVSGTOG_1 Applied on XVSG1)
XVSGSEL2
1
Mode_Reg(1)
–
High/Low
XVSG2 Selector
(0 = XVSGTOG_0 Applied on XVSG2,
1 = XVSGTOG_1 Applied on XVSG2 )
XVSGACTLINE
7
Mode_Reg(1)
0–128 Lines
VSG Active Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com