Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 8Page - Analog Devices AD9929BBCZ Datasheet HTML 9Page - Analog Devices AD9929BBCZ Datasheet HTML 10Page - Analog Devices AD9929BBCZ Datasheet HTML 11Page - Analog Devices AD9929BBCZ Datasheet HTML 12Page - Analog Devices AD9929BBCZ Datasheet HTML 13Page - Analog Devices AD9929BBCZ Datasheet HTML 14Page - Analog Devices AD9929BBCZ Datasheet HTML 15Page - Analog Devices AD9929BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
AD9929
Rev. A | Page 12 of 64
Address
Content
Bit
Width
Default
Value
Register Name
Register Description
0x0A
23
1
0
Unused
22
1
0
FDPOL
FD Polarity Control (0 = Low, 1 = High)
(21:16)
6
0x00
XVSGMASK
XVSG Masking (See Table 25)
(VD
(15:12)
4
0
SYNCCNT
External SYNC Setting
SyncReg)1
(11:10)
2
0
SVREP_MODE
Super Vertical Repetition Mode
9
1
0
HBLKEXT
H Pulse Blanking Extend Control
8
1
0
HPULSECNT
H Pulse Control During Blanking
(7:4)
4
C
SPATLOGIC
SPAT Logic Setting (See Table 27)
(3:2)
2
3
SVOS
Second V Output Setting (10 = Ouput Repetition 1)
1
1
0
SPAT_EN
SPAT Control (0 = SPAT Disable, 1 = SPAT Enable)
0
1
0
MODE
Mode Control Bit (0 = Mode_A, 1 = Mode_B)
0x0B
(23:22)
2
0
Unused
21
1
1
XSUBCK_EN
XSUBCK Output Enable Control (0 = Disable, 1 = Enable)
20
1
1
XVSG_EN
XVSG Output Enable Control (0 = Disable, 1 = Enable)
(VD
(19:17)
3
0
Unused
SyncReg)1
16
1
0
STROBE_EN
STROBE Output Control (0 = STROBE Output Held Low,
1 = STROBE Output Enabled)
15
1
0
Unused
(14:12)
3
0
XSUBCKNUM_HP
High Precision Shutter XSUBCLK Pulse Position/Number
11
1
0
Unused
(10:0)
11
0x7FF
XSUBCKNUM
Total Number of XSUBCKs Per Field
0x0C
(23:21)
3
0
Unused
20
1
0
MSHUTINIT
MSHUT Initialize (1 = Forces MSHUT Low)
(19:18)
2
0
Unused
(VD
17
1
0
Unused
SyncReg)1
16
1
0
MSHUTEN
MSHUT Control (0 = MSHUT Held at Last State, 1 = MSHUT Output)
15
1
0
Unused
(14:12)
3
0
MSHUTPOS_HP
MSHUT Position during High Precision Operation
11
1
0
Unused
(10:0)
11
0x000
MSHUTPOS
MSHUT Position during Normal Operation
0x0D
(23:17)
7
–
Unused
16
1
0
VSUBPOL
VSUB Active Polarity (0 = Low, 1 = High)
(VD
(15:11)
5
–
Unused
SyncReg)1
(10:0)
11
0x000
VSUBTOG
VSUB Toggle Position. Active Starting Line in any Field.
0x0E
(23:22)
2
0
Unused
(21:20)
2
0
TESTMODE1
This Register Should Always Be Set = 0.
(19:18)
2
0
Unused
(VD
17
1
0
TESTMODE2
This Register Should Always Be Set = 0.
SyncReg)1
16
1
0
TESTMODE3
This Register Should Always Be Set = 0.
(15:10)
6
0x00
Unused
(9:0)
10
0x000
VGAGAIN
VGA Gain
0x0F
(23:8)
16
0
Unused
(7:0)
8
60
XVSGLEN_1
XVSGTOG_1 Pulse Width
0x17
(23:13)
11
–
Unused
(12:0)
13
0x1FFF
XV1SPAT_TOG1
XV1SPAT Toggle Position #1 (Mode_A Active)
0x18
(23:13)
11
–
Unused
(12:0)
13
0x1FFF
XV1SPAT_TOG2
XV1SPAT Toggle Position #2 (Mode_A Active)
0x19
(23:13)
11
–
Unused
(12:0)
13
0x1FFF
XV2SPAT_TOG1
XV2SPAT Toggle Position #1 (Mode_A Active)
0x1A
(23:13)
11
–
Unused
(12:0)
13
0x1FFF
XV2SPAT_TOG2
XV2SPAT Toggle Position #2 (Mode_A active)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com