Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 48Page - Analog Devices AD9929BBCZ Datasheet HTML 49Page - Analog Devices AD9929BBCZ Datasheet HTML 50Page - Analog Devices AD9929BBCZ Datasheet HTML 51Page - Analog Devices AD9929BBCZ Datasheet HTML 52Page - Analog Devices AD9929BBCZ Datasheet HTML 53Page - Analog Devices AD9929BBCZ Datasheet HTML 54Page - Analog Devices AD9929BBCZ Datasheet HTML 55Page - Analog Devices AD9929BBCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
AD9929
Rev. A | Page 52 of 64
STROBE TIMING
The AD9929 provides a STROBE output pulse that can be used
to trigger the camera flash circuit. STROBE operation is set by
only one register, as described in Table 32. The STROBE output
is held low when STROBE_EN (Address 0x0B) is set to 0 and
enabled when set to 1. Providing STROBE_EN = 1, the STROBE
output pulse is asserted high on the rising edge of the last
XSUBCK pulse in the field, as shown in Figure 61. Also shown
in Figure 61, the STROBE pulse is asserted low again on the
rising edge of VSG.
VD
XSUBCK
tEXP
XVSG1-
XVSG2
STROBE
1
2
SET STROBE_EN (ADDRESS 0x0B) = 1
NOTES
1. STROBE OUTPUT ASSERTED HIGH ON RISING EDGE OF LAST XSUBCK PULSE
2. STROBE OUTPUT ASSERTED LOW ON NEGATIVE EDGE OF XVSG PULSE
Figure 61. STROBE Output Timing
VD
NOTES
1. INTERNAL 12-BIT H-GRAY CODE COUNTER IS RESET 7 CLOCK CYCLES AFTER THE HD FALLING EDGE.
HD
CLI
0123
4
5
6
7
89
10
11
12
13
14
01
2
3
XX
XX
XX
X
X
X
H-GRAY CODE
COUNTER
(PIXEL COUNTER)
3ns MIN
4
H-COUNTER
RESET
H-COUNTER
RESET
Figure 62. External VD/HD and Internal 12-Bit H-Gray Code Counter Synchronization, Slave Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com