Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 36Page - Analog Devices AD9929BBCZ Datasheet HTML 37Page - Analog Devices AD9929BBCZ Datasheet HTML 38Page - Analog Devices AD9929BBCZ Datasheet HTML 39Page - Analog Devices AD9929BBCZ Datasheet HTML 40Page - Analog Devices AD9929BBCZ Datasheet HTML 41Page - Analog Devices AD9929BBCZ Datasheet HTML 42Page - Analog Devices AD9929BBCZ Datasheet HTML 43Page - Analog Devices AD9929BBCZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
AD9929
Rev. A | Page 40 of 64
SPECIAL VERTICAL TIMING (SPATS)
The AD9929 provides additional special vertical timing gen-
eration (SPATs), which is applied in the same line as the VSG
pulse. The SPAT timing allows for an additional vertical output
pulse in the VSG line. The additional vertical output pulse can
be applied to either XV1, XV2, XV3 or XV4, according to the
value of the SPATLOGIC register. Table 26 lists the registers
used to generate the SPATs, and Table 27 describes the
SPATLOGIC settings and operation.
Figure 39 and Figure 40 show AND and OR SPAT pulse
examples using four SPAT toggle positions. As shown in these
figures, the internal SPAT timing for the AND case initially
starts high and then goes low at the first XVxSPAT_TOG1
position. In the OR case, the internal SPAT timing initially starts
low and then toggles high at the first XVxSPAT_TOG1 position.
This provides the ability to output the second vertical pulse
when the internal XVx pulse is in both high and low states. Note
that although Figure 39 and Figure 40 show four SPAT toggle
positions, two SPAT toggle positions can be applied by setting
XVxSPAT_TOG3 = XVxSPAT_TOG4 = 0x1FFF.
Table 26. HD and VD Registers
Register Name
Bit
Width
Register Type
Reference
Counter
Range (Pixels)
Description
SPAT_EN
1
Control (Address 0x01)
–
SPAT Enable Control
(0 = SPAT Disabled, 1 = SPAT Enabled)
SPATLOGIC
4
Control (Address 0x0A)
–
SPAT Logic Setting
XV1SPAT_TOG1
13
Control (Address 0x17)
ST
0–8192
XV1SPAT Toggle Position #1
(Mode_A Active)
XV1SPAT_TOG2
13
Control (Address 0x18)
ST
0–8192
XV1SPAT Toggle Position #2
(Mode_A Active)
XV1SPAT_TOG3
13
Mode_A_Reg(5)
ST
0–8192
XV1SPAT Toggle Position #3
(Mode_A Active)
XV1SPAT_TOG4
13
Mode_A_Reg(5)
ST
0–8192
XV1SPAT Toggle Position #4
(Mode_A Active)
XV2SPAT_TOG1
13
Control (Address 0x19)
ST
0–8192
XV2SPAT Toggle Position #1
(Mode_A Active)
XV2SPAT_TOG2
13
Control (Address 0x1A)
ST
0–8192
XV2SPAT Toggle Position #2
(Mode_A Active)
XV2SPAT_TOG3
13
Mode_A_Reg(5)
ST
0–8192
XV2SPAT Toggle Position #3
(Mode_A Active)
XV2SPAT_TOG4
13
Mode_A_Reg(5)
ST
0–8192
XV2SPAT Toggle Position #4
(Mode_A Active)
XV3SPAT_TOG1
13
Control (Address 0x1B)
ST
0–8192
XV3SPAT Toggle Position #1
(Mode_A Active)
XV3SPAT_TOG2
13
Control (Address 0x1C)
ST
0–8192
XV3SPAT Toggle Position #2
(Mode_A Active)
XV3SPAT_TOG3
13
Mode_A_Reg(5)
ST
0–8192
XV3SPAT Toggle Position #3
(Mode_A Active)
XV3SPAT_TOG4
13
Mode_A_Reg(5)
ST
0–8192
XV3SPAT Toggle Position #4
(Mode_A Active)
XV4SPAT_TOG1
13
Control (Address 0x1D)
ST
0–8192
XV4SPAT Toggle Position #1
(Mode_A Active)
XV4SPAT_TOG2
13
Control (Address 0x1E)
ST
0–8192
XV4SPAT Toggle Position #2
(Mode_A Active)
XV4SPAT_TOG3
13
Mode_A_Reg(5)
ST
0–8192
XV4SPAT Toggle Position #3
(Mode_A Active)
XV4SPAT_TOG4
13
Mode_A_Reg(5)
ST
0–8192
XV4SPAT Toggle Position #4
(Mode_A Active)
XV1SPAT_TOG1
13
Control (Address 0x1F)
ST
0–8192
XV1SPAT Toggle Position #1
(Mode_B Active)
XV1SPAT_TOG2
13
Control (Address 0x20)
ST
0–8192
XV1SPAT Toggle Position #2
(Mode_B Active)
XV1SPAT_TOG3
13
Mode_B_Reg(5)
ST
0–8192
XV1SPAT Toggle Position #3
(Mode_B Active)
XV1SPAT_TOG4
13
Mode_B_Reg(5)
ST
0–8192
XV1SPAT Toggle Position #4
(Mode_B Active)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com