Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 7Page - Analog Devices AD9929BBCZ Datasheet HTML 8Page - Analog Devices AD9929BBCZ Datasheet HTML 9Page - Analog Devices AD9929BBCZ Datasheet HTML 10Page - Analog Devices AD9929BBCZ Datasheet HTML 11Page - Analog Devices AD9929BBCZ Datasheet HTML 12Page - Analog Devices AD9929BBCZ Datasheet HTML 13Page - Analog Devices AD9929BBCZ Datasheet HTML 14Page - Analog Devices AD9929BBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
AD9929
Rev. A | Page 11 of 64
Table 8. Control Register Address Map
Address
Content
Bit
Width
Default
Value
Register Name
Register Description
0x00
(23:0)
24
000000
SW_RESET
Software Reset = 000000 (Reset All Registers to Default )
0x01
23
1
0
Unused
(22:21)
2
XSUBCKSUPPRESS
Suppress XSUBCK (00 = No Suppression, 01 = Suppress First XSUBCK
After Last VSG Line Pulse, 10 = Suppress All XSUBCKs, Except Final
XSUBCK, 11 = No Suppression)
(20:18)
3
0
Unused
Test Mode. Should Be Set = 0
17
1
1
HBLKMASK
Masking Polarity for H1 During Blanking Period (0 = Low, 1 = High)
16
1
0
SYNCPOL
External SYNC Active Polarity (0 = Active Low)
(15:14)
2
0
Unused
13
1
0
XSUBCKMODE_HP
High Precision Shutter Mode Operation
(0 = Single Pulse, 1 = Multiple Pulse)
(12:10)
3
0
Unused
(9:8)
2
0
MSHUTPAT
Selects MSHUT Pattern. (See Figure 51)
(0 = Mshutpat0,1 = Mshutpat1,2 = Mshutpat2, 3 = Mshutpat3)
7
1
0
MSHUT/VGATE_EN
MSHUT Masking of VGATE Input (0 = MSHUT Does Not Mask VGATE,
1 = MSHUT Does Mask VGATE)
6
1
0
Unused
5
1
1
CLPOB_CONT
CLPOB Control (0 = CLPOB Off, 1 = CLPOB On)
4
1
1
CLPOB_MODE
CLPOB CCD Region Control (See Table 19)
(3:1)
3
0
Unused
0
1
0
VDMODE
VD Synchronous/Asynchronous Mode Setting
(0 = VD Synchronous, 1 = VD Asynchronous )
0x02
(23:22)
2
0
Unused
(21:16)
6
0x34
SHDLOC
SHD Sample Location
(15:14)
2
0
Unused
(13:8)
6
0x18
SHPLOC
SHP Sample Location
(7:6)
2
0
DCLKPHASE
DCLK Pulse Adjustment
(5:0)
6
0x0B
DOUTPHASE
Data Output [11:0] Phase Adjustment
0x03
(23:17)
7
0x00
Unused
16
1
0
H1BLKRETIME
Retimes the H1 HBLK to Internal Clock
(15:14)
2
0
Unused
(13:8)
6
0x00
H1POSLOC
H1 Positive Edge Location
(7:6)
2
0
Unused
(5:0)
6
0x10
RGNEGLOC
RG Negative Edge Location
0x04
(23:16)
8
0x80
REFBLACK
Black Level Clamp
15
1
–
Unused
(14:12)
3
5
H2DRV
H2 Drive Strength (0 = Off, 1 = 4.3 mA, 2 = 8.6 mA, 3 = 12.9 mA,
4 = 17.2 mA, 5 = 21.5 mA, 6 = 25.8 mA, 7 = 30.1 mA)
11
1
0
Unused
(10:8)
3
5
H1DRV
H1 Drive Strength (0 = Off, 1 = 4.3 mA, 2 = 8.6 mA, 3 = 12.9 mA,
4 = 17.2 mA, 5 = 21.5 mA, 6 = 25.8 mA, 7 = 30.1 mA)
(7:3)
5
0x00
Unused
(2:0)
3
2
RGDRV
RG Drive Strength (0 = Off, 1 = 2.15 mA, 2 = 4.2 mA, 3 = 6.45 mA,
4 = 8.6 mA, 5 = 10.75 mA, 6 = 12.9 mA, 7 = 15.05 mA)
0x05
(23:10)
14
0x0000
Unused
9
1
0
AFESTBY
AFE Standby (0 = Standby, 1 = Normal Operation)
8
1
0
DIGSTBY
Digital Standby (0 = Standby, 1 = Normal Operation)
(7:2)
6
00
Unused
1
1
0
OUTCONT_REG
Internal OUTCONT Signal Control
(0 = Digital Outputs Held at Fixed DC Level, 1 = Normal Operation)
0
1
1
OUTCONT_ENB
External OUTCONT Signal Input Pin 43 Control (0 = Pin Enabled,
1 = Pin Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com