Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 50Page - Analog Devices AD9929BBCZ Datasheet HTML 51Page - Analog Devices AD9929BBCZ Datasheet HTML 52Page - Analog Devices AD9929BBCZ Datasheet HTML 53Page - Analog Devices AD9929BBCZ Datasheet HTML 54Page - Analog Devices AD9929BBCZ Datasheet HTML 55Page - Analog Devices AD9929BBCZ Datasheet HTML 56Page - Analog Devices AD9929BBCZ Datasheet HTML 57Page - Analog Devices AD9929BBCZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
AD9929
Rev. A | Page 54 of 64
POWER SUPPLY SEQUENCING
The recommended power-up and power-down sequences are
shown in Figure 64 and Figure 65, respectively. As shown, the
VM1 and VM2 voltage level should never exceed the VH1 and
VH2 voltage level during power-up or power-down. Excessive
current results if this requirement is not met due to a PN
junction diode turning on between the VM1/2 and VH supply
pins.
Figure 63 describes the AD9929 AFETG and V-driver supplies
associated with vertical driver outputs.
TIMING
GENERATOR
XV1
V-DRIVER
LOGIC
XV2
XV3
XV4
XVSG1
XSUBCK
V1 (VH1, VM1, VL)
V2 (VM2, VL)
V3 (VH1, VM1, VL)
V4 (VM2, VL)
SUBCK (VH2, VL)
XVSG2
Figure 63. Block Diagram of AD9929 Showing
Timing Generator and Vertical Driver
RECOMMENDED POWER-UP SUPPLY
SEQUENCING
When the AD9929 is powered up, the following power supply
sequence is recommended. Refer to Figure 64.
1.
Turn ON: VDD, DVDD, DRVDD, HVDD, RGVDD,
TCVDD, and AVDD.
2.
Turn ON: VH1 VH2, VM1,VM2, and VL.
Caution
:
There is a PN junction diode from VM1 and VM2 to VH.
Excessive current occurs if the VM1 and VM2 supply level is
greater than VH1 and VH2 supplies.
RECOMMENDED POWER-DOWN SUPPLY
SEQUENCING
When the AD9929 is powered down, the following power
supply sequence is recommended. Refer to Figure 65.
1.
Turn OFF: VH1, VH2, VM1, VM2, and VL.
2.
Turn OFF: VDD, DVDD, DRVDD, HVDD, RGVDD,
TCVDD, and AVDD.
0V
12
VH1 = VH2 = 15.0V
VDD = DVDD = DRVDD = HVDD = RGVDD = TCVDD = AVDD = 3V
VM1 = VM2 = –0.5V
VL = –7.5V
SAME TIME AS VM AND VH OR EARLIER, BUT NOT BEFORE VDD REACHES 3V.
Figure 64. Power-Up Supply Sequencing
0V
2
1
VH1 = VH2 = 15.0V
VDD = DVDD = DRVDD = HVDD = RGVDD = TCVDD = AVDD = 3V
VM1 = VM2 = –0.5V
VL = –7.5V
SAME TIME AS VM AND VH OR EARLIER, BUT NOT AFTER VDD.
Figure 65. Power-Down Supply Sequencing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com