Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 42Page - Analog Devices AD9929BBCZ Datasheet HTML 43Page - Analog Devices AD9929BBCZ Datasheet HTML 44Page - Analog Devices AD9929BBCZ Datasheet HTML 45Page - Analog Devices AD9929BBCZ Datasheet HTML 46Page - Analog Devices AD9929BBCZ Datasheet HTML 47Page - Analog Devices AD9929BBCZ Datasheet HTML 48Page - Analog Devices AD9929BBCZ Datasheet HTML 49Page - Analog Devices AD9929BBCZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
AD9929
Rev. A | Page 46 of 64
TIMING CONTROL
ELECTRONIC SHUTTER TIMING CONTROL
CCD image exposure time is controlled through the use of the
CCD substrate clock signal (XSUBCK), which pulses the CCD
substrate to clear out accumulated charges prior to the exposure
period. The AD9929 supports three types of electronic shut-
tering: normal shutter mode, suppression shutter mode, and
high speed shutter mode. Table 34 contains the registers
required for programming of XSUBCK pulses for each mode.
Normal Shutter Mode
Figure 49 shows the VD and XSUBCK output for normal
shutter mode. The XSUBCK pulses once per line. The number
of XSUBCK pulses per field can be programmed by setting
register XSUBCKNUM (Address 0x0B). As shown in Figure 49,
the XSUBCK pulses always begin on the line after the sensor
gate, as specified by XVSGACTLINE (Mode_Reg(1)).
SUBCK Suppression Mode
Normally, the XSUBCKs begin to pulse on the line following
the last sensor gate line (VSG). With some CCDs, the first
XSUBCK following the VSG line needs to be suppressed. The
XSUBCKSUPPRESS register allows for this suppression. The
first XSUBCK following the last VSG pulse is suppressed when
XSUBCKSUPPRESS = 1, as shown in Figure 50.
High Precision Shutter Mode
The high speed shutter mode can be operated in two different
modes, known as single pulse mode and multiple pulse mode.
These modes are set up by programming the
XSUBCKNUM_HP register and XSUBCKMODE_HP register,
as described in Table 28, Table 33, and shown in Figure 52 and
Figure 54.
Single Pulse Mode
In addition to the normal operating XSUBCK pulse, one addi-
tional XSUBCK pulse can be applied within the HD line while
operating in this mode. As shown in Figure 49, the location of
the additional XSUBCK pulse is adjustable by setting the
XSUBCK_HPNUM register as described in Table 33. Finer
resolution of the exposure time is possible using this mode by
adding an additional XSUBCK pulse in the line, as shown in
Figure 54.
Multiple Pulse Mode
In addition to the normal operating XSUBCK pulse, up to seven
sequential XSUBCK pulses can be applied within the same line
while operating in this mode. As shown in Figure 54, the num-
ber of additional XSUBCK pulses is selectable by setting
XSUBCKMODE_HP = 1, and the XSUBCK_HPNUM registers
as described in Table 33.
Table 33. Single and Multiple Pulse Mode
XSUBCKNUM_HP
XSUBCKMODE_HP
0
1
Single Pulse Mode
Multiple
Pulse Mode
0
Normal Shutter
Mode Operation
Normal Shutter
Mode Operation
1
Position #1
1 additional pulse
2
Position #2
2 additional pulses
3
Position #3
3 additional pulses
4
Position #4
4 additional pulses
5
Position #5
5 additional pulses
6
Position #6
6 additional pulses
7
Position #7
7 additional pulses
Table 34. XSUBCK Registers
Register Name
Bit
Width
Register Type
Reference
Counter
Range
Description
XSUBCKNUM
11
Control (Address 0x0B)
–
0–2047 Number of
Pulses
Number of XSUBCK Pulses per Field.
XSUBCKSUPPRESS
1
Control (Address 0x01)
–
0–1 Number of Pulses
Suppress First XSUBCK after Last XVSG
Line Pulse
XSUBCK_EN
1
Control (Address 0x0B)
–
–
XSUBCK Output Enable Control
(0 = Disable, 1 = Enable)
XSUBCKMODE_HP
1
Control (Address 0x01)
–
–
High Speed Shutter Mode Operation
XSUBCKNUM_HP
3
Control (Address 0x0B)
–
0–7 Number of Pulses
High Speed Shutter XSUBCLK
Position/Number
XSUBCK1TOG1
9
System_Reg(14)
OL Counter
0–511 Pixel Location
XSUBCLK1 1st Toggle Position
XSUBCK1TOG2
9
System_Reg(14)
OL Counter
0–511 Pixel Location
XSUBCLK1 2nd Toggle Position
XSUBCK2TOG1
9
System_Reg(15)
OL Counter
0–511 Pixel Location
XSUBCLK2 1st Toggle Position
XSUBCK2TOG2
9
System_Reg(15)
OL Counter
0–511 Pixel Location
XSUBCLK2 2nd Toggle Position
XSUBCKSEL
1
Mode_Reg(2)
–
–
(0 = XSUBCK1, 1 = XSUBCK2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com