Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 4Page - Analog Devices AD9929BBCZ Datasheet HTML 5Page - Analog Devices AD9929BBCZ Datasheet HTML 6Page - Analog Devices AD9929BBCZ Datasheet HTML 7Page - Analog Devices AD9929BBCZ Datasheet HTML 8Page - Analog Devices AD9929BBCZ Datasheet HTML 9Page - Analog Devices AD9929BBCZ Datasheet HTML 10Page - Analog Devices AD9929BBCZ Datasheet HTML 11Page - Analog Devices AD9929BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
AD9929
Rev. A | Page 8 of 64
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
With Respect To
Min
Max
Unit
VDD
VDVSS
VDVSS − 0.3
VDVSS + 4.0
V
VL
VDVSS
VDVSS − 10.0
VDVSS + 0.3
V
VH1, VH2
VDVSS
VL –0.3
VL + 27.0
V
VM1, VM2
VDVSS
VL – 0.3
VL + 27.0
V
AVDD
AVSS
−0.3
+3.9
V
TCVDD
TCVSS
−0.3
+3.9
V
HVDD
HVSS
−0.3
+3.9
V
RGVDD
RGVSS
−0.3
+3.9
V
DVDD
DVSS
−0.3
+3.9
V
DRVDD
DRVSS
−0.3
+3.9
V
RG Output
RGVSS
−0.3
RGVDD + 0.3
V
H1 to H2 Output
HVSS
−0.3
HVDD + 0.3
V
Digital Outputs
DVSS
−0.3
DVDD + 0.3
V
Digital Inputs
DVSS
−0.3
DVDD + 0.3
V
SCK, SL, SDATA
DVSS
−0.3
DVDD + 0.3
V
REFT, REFB
AVSS
−0.3
AVDD + 0.3
V
CCDIN
AVSS
−0.3
AVDD + 0.3
V
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Package Thermal Resistance
θJA = 61.0 °C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulates on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com