Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 56Page - Analog Devices AD9929BBCZ Datasheet HTML 57Page - Analog Devices AD9929BBCZ Datasheet HTML 58Page - Analog Devices AD9929BBCZ Datasheet HTML 59Page - Analog Devices AD9929BBCZ Datasheet HTML 60Page - Analog Devices AD9929BBCZ Datasheet HTML 61Page - Analog Devices AD9929BBCZ Datasheet HTML 62Page - Analog Devices AD9929BBCZ Datasheet HTML 63Page - Analog Devices AD9929BBCZ Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
AD9929
Rev. A | Page 61 of 64
DATA
OUTPUTS
3V
DRIVER
SUPPLY
DCLK1
PIN 1
IDENTIFIER
OUTCONT
3V ANALOG SUPPLY
10k
Ω
OUTCONT
3V ANALOG SUPPLY
4.7
µF
CCD SIGNAL
SCK
3
SERIAL
INTERFACE
HVDD
HVSS
MSHUT
STROBE
FD/DCLK2
V2
V3
V4
SUBCK
V1
FD/DCLK2
HD
VD
H2
H1
RG
RGVSS
VH SUPPLY
TO MECHANICAL
SHUTTER CIRCUIT
TO STROBE CIRCUIT
HD TO ASIC/DSP
VD TO ASIC/DSP
HVSS
HVSS
3
H1, H2 AND
RG TO CCD
3V ANALOG SUPPLY
RGVDD
CLI
MASTER CLOCK INPUT
B1
C2
C1
D1
D2
E1
E2
F2
G2
F1
G1
H1
H2
J1
J2
K1
TCVSS
A10
B10
B9
C9
C10
D9
D10
E9
E10
F9
F10
G9
G10
H9
H10
J10
5
V1-V4, SUBCK
TO CCD
VH1
VM2
VL
VH2
VL SUPPLY
0.1
µF
VM1
SYNC/VGATE
SYNC/VGATE
3V ANALOG SUPPLY
0.1
µF
DVSS
VDD
DVDD
0.1
µF
VSUB TO CCD
12
4.7
µF
TOP VIEW
(Not to Scale)
AD9929
0.1
µF
0.1
µF
0.1
µF
0.1
µF
4.7
µF
4.7
µF
0.1
µF
Figure 71. AD9929 Typical Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com