Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 9Page - Analog Devices AD9929BBCZ Datasheet HTML 10Page - Analog Devices AD9929BBCZ Datasheet HTML 11Page - Analog Devices AD9929BBCZ Datasheet HTML 12Page - Analog Devices AD9929BBCZ Datasheet HTML 13Page - Analog Devices AD9929BBCZ Datasheet HTML 14Page - Analog Devices AD9929BBCZ Datasheet HTML 15Page - Analog Devices AD9929BBCZ Datasheet HTML 16Page - Analog Devices AD9929BBCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
AD9929
Rev. A | Page 13 of 64
Address
Content
Bit
Width
Default
Value
Register Name
Register Description
0x1B
(23:13)
11
Unused
(12:0)
13
0x1FFF
XV3SPAT_TOG1
XV3SPAT Toggle Position #1 (Mode_A active)
0x1C
(23:13))
11
Unused
(12:0
13
0x1FFF
XV3SPAT_TOG2
XV3SPAT Toggle Position #2 (Mode_A active)
0x1D
(23:13)
11
Unused
(12:0)
13
0x1FFF
XV4SPAT_TOG1
XV4SPAT Toggle Position #1 (Mode_A active)
0x1E
(23:13)
11
Unused
(12:0)
13
0x1FFF
XV4SPAT_TOG2
XV4SPAT Toggle Position #2 (Mode_A Active)
0x1F
(23:13)
11
Unused
(12:0)
13
0x1FFF
XV1SPAT_TOG1
XV1SPAT Toggle Position #1 (Mode_A Active)
0x20
(23:13)
11
Unused
(12:0)
13
0x1FFF
XV1SPAT_TOG2
XV1SPAT Toggle Position #2 (Mode_B Active)
0x21
(23:13)
11
Unused
(12:0)
13
0x1FFF
XV2SPAT_TOG1
XV2SPAT Toggle Position #1 (Mode_B Active)
0x22
(23:13)
11
Unused
(12:0)
13
0x1FFF
XV2SPAT_TOG2
XV2SPAT Toggle Position #2 (Mode_B Active)
0x23
(23:13)
11
Unused
(12:0)
13
0x1FFF
XV3SPAT_TOG1
XV3SPAT Toggle Position #1 (Mode_B Active)
0x24
(23:13)
11
Unused
(12:0)
13
0x1FFF
XV3SPAT_TOG2
XV3SPAT Toggle Position #2 (Mode_B Active)
0x25
(23:13)
11
Unused
(12:0)
13
0x1FFF
XV4SPAT_TOG1
XV4SPAT Toggle Position #1 (Mode_B Active)
0x26
(23:13)
11
Unused
(12:0)
13
0x1FFF
XV4SPAT_TOG2
XV4SPAT Toggle Position #2 (Mode_B Active)
0xD5
(23:4)
20
0x00000
Unused
3
1
1
DCLK2SEL
DCLK2 Selector (0 = Select Internal FD Signal To Be Output on
FD/DCLK2 Pin 16, 1 = Select CLI To Be Output on FD/DCLK2 Pin 16)
2
1
0
DCLK1SEL
DCLK1 Selector (0 = Select DLL Version for DCLK1 Output, 1 = Select
CLI for DCLK1 Output)
(1:0)
2
0
CLKDIV
Input Clock Divider (0 = No Division, 1 = 1/2, 2 = 1/3, 3 = 1/4)
0xD6
(23:1)
23
0x000000
Unused
0
1
1
SLAVE_MODE
Operating Mode ( 0 = Master Mode, 1 = Slave Mode)
1 This register defaults to VD synchronous mode type at power-up. VD sync type registers do not get updated until the first falling edge of VD is asserted after the
register has been programmed. VD sync type registers can be programmed to be asynchronous registers by setting VDMODE = 1 (Address 0x01).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com