Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 51Page - Analog Devices AD9929BBCZ Datasheet HTML 52Page - Analog Devices AD9929BBCZ Datasheet HTML 53Page - Analog Devices AD9929BBCZ Datasheet HTML 54Page - Analog Devices AD9929BBCZ Datasheet HTML 55Page - Analog Devices AD9929BBCZ Datasheet HTML 56Page - Analog Devices AD9929BBCZ Datasheet HTML 57Page - Analog Devices AD9929BBCZ Datasheet HTML 58Page - Analog Devices AD9929BBCZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
AD9929
Rev. A | Page 55 of 64
INITIAL START-UP SEQUENCE
Recommended Start-Up Sequence for Master Mode
When the AD9929 is powered up, the following sequence is
recommended (refer to Figure 66 for each step).
1.
Turn on power supplies as described in the Power Supply
Sequencing section.
2.
Apply the CLI master clock input.
CLI is output on DCLK2 Pin 16 at this time.
3.
Reset the internal AD9929 registers. Write a 0x000000 to
the SW_RESET register (Address 0x00). This sets all
internal register values to their default values. (This step is
optional because there is an internal power-on reset circuit
that is applied at power-up.)
4.
Program DIGSTBY and AFESTBY registers (Address 0x05)
= 1 and all other necessary control registers.
5.
Program system registers (Address 0x20).
6.
Program Mode_A registers (Address 0x21).
7.
Program Mode_B registers (Address 0x22).
8.
Program OUTCONT_REG register (Address 0x05) = 1.
(The internal OUTCONT signal is asserted high at this
time. This enables the digital outputs.)
9.
Program control register MODE (Address 0x0A) = 0. This
selects Mode_A operation. (This step is optional because
the AD9929 defaults to Mode_A at power-up.)
10. Program control register MODE (Address 0x0A) = 1. This
selects Mode_B operation. Note: Complete this write at
least 4 CLI cycles before the start of the next field.
AD9929
POWER-UP
SEQUENCE
SERIAL
WRITES
VD
(OUTPUT)
1 H
ODD FIELD
EVEN FIELD
DIGITAL
(OUTPUTS)
H2, RG, MSHUT, STROBE
H1, VSUB, FD
HD
(OUTPUT)
1 V
OUTCONT1
(INTERNAL SIGNAL)
DCLK1
(OUTPUT)
3
57
NOTES
1OUTCONT IS AN INTERNAL SIGNAL THAT IS CONTROLLED USING REGISTER OUTCONT_REG (ADDRESS 0x05).
2DCLK2 WILL BE OUTPUT ON THE FD/DCLK2 PIN 16 PROVIDING REGISTER DCLK2SEL (ADDRESS 0xD5) = 1.
THE DCLK2SEL REGISTER DEFAULTS TO 1 AT POWER-UP.
3IT TAKES 11 CLI CLOCKS FROM WHEN OCONT GOES HIGH UNTIL VD, HD, AND DIGITAL OUTPUT DATA IS VALID.
4THERE IS A 500
µS SETTLING TIME FROM WHEN THE DIGSTBY REGISTER IS SET TO WHEN THE DCLK1 IS STABLE.
ODD FIELD
tSETTLING4
CLI
(INPUT)
DCLK22
(OUTPUT)
tDELAY3
tPWR
Figure 66. Recommended Start-Up Sequence and Synchronization, Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com