Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 47Page - Analog Devices AD9929BBCZ Datasheet HTML 48Page - Analog Devices AD9929BBCZ Datasheet HTML 49Page - Analog Devices AD9929BBCZ Datasheet HTML 50Page - Analog Devices AD9929BBCZ Datasheet HTML 51Page - Analog Devices AD9929BBCZ Datasheet HTML 52Page - Analog Devices AD9929BBCZ Datasheet HTML 53Page - Analog Devices AD9929BBCZ Datasheet HTML 54Page - Analog Devices AD9929BBCZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
AD9929
Rev. A | Page 51 of 64
MSHUT High Precision Operation
The MSHUTPOS_HP register allows fine precision control of
the MSHUT position within a line. Under normal MSHUT
operation when MSHUTPOS_HP = 0, the MSHUT polarity
changes from high to low on the negative edge of the HD pulse,
as shown in Figure 53. By using the MSHUTPOS_HP register,
the rising and falling edges of MSHUT can be delayed by
multiples of the OL counter length that has been set in the
OLEN register. For example, if MSHUTPOS_HP = 3, the
MSHUT rising and falling edges are delayed by three OL
counter cycles after the falling edge of HD, as shown in
Figure 56.
Figure 56 provides an example of high precision MSHUT and
SUBCK timing. In this example, the length of the OL counter is
shorter. This provides finer precision control of the placement
of the MSHUT pulse within a line.
VD
XSUBCK
tEXP
XVSG1-
XVSG2
HD
MSHUTPOS = 3
MSHUTPAT = 0, MSHUTLEN = 5
MSHUT
OL
COUNTER
OL
COUNTER
OL
COUNTER
OL
COUNTER
12
3
1
2
3
4
5
Figure 59. Example of MSHUT High Precision Timing MSHUTEN = 1 and MSHUTPOS_HP = 3
XSUBCK
tEXP
XVSG1-
XVSG2
MSHUTPOS = 3
MSHUTPAT = 0, MSHUTLEN = 5
MSHUT¹
VD
HD
DELAY = 3 OL
COUNTER LENGTHS
MSHUT²
NOTES
1MSHUT OUTPUT IN NORMAL OPERATION WITH MSHUTPOS_HP = 0
2MSHUT OUTPUT IN HIGH PRECISION OPERATION WITH MSHUTPOS_HP = 3
1
2
3
123
4
5
Figure 60. Example of MSHUT High Precision Timing MSHUTEN = 1, MSHUTPOS_HP = 3, with XSUBCKMODE_HP = 1, XSUBCKNUM_HP = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com