Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 24Page - Analog Devices AD9929BBCZ Datasheet HTML 25Page - Analog Devices AD9929BBCZ Datasheet HTML 26Page - Analog Devices AD9929BBCZ Datasheet HTML 27Page - Analog Devices AD9929BBCZ Datasheet HTML 28Page - Analog Devices AD9929BBCZ Datasheet HTML 29Page - Analog Devices AD9929BBCZ Datasheet HTML 30Page - Analog Devices AD9929BBCZ Datasheet HTML 31Page - Analog Devices AD9929BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
AD9929
Rev. A | Page 28 of 64
HORIZONTAL AND VERTICAL SYNCHRONOUS TIMING
The HD and VD output pulses are programmable using the
registers listed in Table 18. The HD output is asserted low at the
start of the horizontal line shift. The VD output is asserted low
at the start of each line. As shown in Figure 22, the 11-bit VD
counter is used to count the number of lines set by the VDLEN
register. The 12-bit HD counter is used to count the number of
pixels in each line set by the HDLEN register. For example, if
the CCD array size is 2000 lines by 2100 pixels per line,
VDLEN = 2000 and HDLEN = 0xC28. The HDLEN register
sets HL as a reference for the rising edge of the HD pulse.
SPECIAL NOTE ABOUT THE HDLEN REGISTER
The 12-bit HD counter value must be programmed using a gray
code number. There is also a 4-clock cycle, set up period that
must be considered when determining the HDLEN register
value, as shown in Figure 22. As a result of the 4-clock cycle,
setup period, the value of HDLEN is always equal to the actual
number of pixels per line minus 4. For example, if there are
2100 pixels per line, HDLEN equals (2100 – 4) = 2096. The gray
code value of 2096 is 0xC28, which is what would be program-
med in the HDLEN register.
Table 18. HD and VD Registers
Register Name
Bit
Width
Register Type
Reference
Counter
Range
Description
HDLEN1
12
Sys_Reg(12)
–
0–4095 Pixels
12-Bit Gray Code Counter Value
HLEN
10
Sys_Reg(12)
–
0–1023 Pixels
10-Bit HL-Counter Value
HDRISE
10
Sys_Reg(16)
HL
0–1023 Pixels
HD Rise Position
HDLASTLEN1
12
Mode_Reg(1)
HD
0–4095 Pixels
HD Last Line Length
VDLEN
11
Mode_Reg(1)
–
0–2047 Lines
VD Counter Value
VDRISE
4
Sys_Reg(16)
VD
0–15 Lines
VD Rise Position
1 Register value must be a gray code number (see Gray Code Registers section).
VD
HDLASTLEN
VDLEN
000
001
002
11-BIT
VD COUNTER
12-BIT
GRAY COUNTER
+ SET- UP
HDLEN
10-BIT
HL COUNTER
HD
2
NOTES
1. THE SET-UP DELAY IS 4 CLI CYCLES. THE ACTUAL LENGTH OF ONE LINE IS 4 MORE CYCLES
THAN VALUE SET IN HDLEN AND HDLASTLEN DUE TO SET-UP DELAY.
2. VDRISE REFERENCES THE 11-BIT VD-COUNTER.
3. HDRISE REFERENCES THE 10-BIT HL-CONTER.
1
PROGRAMMABLE CLOCK POSITIONS
1. HDRISE (SYS_REG(16))
2. VDRISE (SYS_REG(16))
N _
< 2048
HLEN
LINE LENGTH =
HDLEN + 4
Figure 22. VD and HD Horizontal Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com