Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 11Page - Analog Devices AD9929BBCZ Datasheet HTML 12Page - Analog Devices AD9929BBCZ Datasheet HTML 13Page - Analog Devices AD9929BBCZ Datasheet HTML 14Page - Analog Devices AD9929BBCZ Datasheet HTML 15Page - Analog Devices AD9929BBCZ Datasheet HTML 16Page - Analog Devices AD9929BBCZ Datasheet HTML 17Page - Analog Devices AD9929BBCZ Datasheet HTML 18Page - Analog Devices AD9929BBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
AD9929
Rev. A | Page 15 of 64
Register
Content
Bit
Width
Default
(Decimal)
Register Name
Register Description
Sys_Reg(9)
(31:23)
9
89
VTPLEN3
Vertical Sequence #3: Length Between Repetitions
22
1
0
XV1STARTPOL3
Vertical Sequence #3: XV1 Start Polarity
21
1
0
XV2STARTPOL3
Vertical Sequence #3: XV2 Start Polarity
20
1
1
XV3STARTPOL3
Vertical Sequence #3: XV3 Start Polarity
19
1
1
XV4STARTPOL3
Vertical Sequence #3: XV4 Start Polarity
(18:10)
9
0
XV1TOG1POS3
Vertical Sequence #3: XV1 Toggle Position 1
(9:1)
9
60
XV1TOG2POS3
Vertical Sequence #3: XV1 Toggle Position 2
0
1
XV2TOG1POS3 [8]
Sys_Reg(10)
(31:24)
8
30
XV2TOG1POS3 [7:0]
Vertical Sequence #3: XV2 Toggle Position 1
(23:15)
9
90
XV2TOG2POS3
Vertical Sequence #3: XV2 Toggle Position 2
(14:6)
9
0
XV3TOG1POS3
Vertical Sequence #3: XV3 Toggle Position 1
(5:0)
6
XV3TOG2POS3 [8:3]
Sys_Reg(11)
(31:29)
3
60
XV3TOG2POS3 [2:0]
Vertical Sequence #3: XV3 Toggle Position 2
(28:20)
9
30
XV4TOG1POS3
Vertical Sequence #3: XV4 Toggle Position 1
(19:11)
9
90
XV4TOG2POS3
Vertical Sequence #3: XV4 Toggle Position 2
(10:1)
10
0
HBLKHPOS
H1 Pulse ON Position during Blanking Period
0
1
–
Unused
Sys_Reg(12)
(31:20)
12
2283
HDLEN1
12-bit Gray Code HD Counter Value
(Gray Code Number)
(19:10)
10
130
HLEN
10-Bit HL Counter Values
(9:1)
9
100
OLEN
9-Bit OL Counter Value
0
1
BLLEN [8]
Sys_Reg(13)
(31:24)
8
0
BLLEN [7:0]
9-bit BL Counter Value
(23:16)
8
118
MSHUTLEN
MSHUT Sequence Length
(15:5)
11
1048
XVSGTOG_0
XVSGTOG_0 Toggle Position
(4:0)
5
XVSGTOG_1 [10:6]
Sys_Reg(14)
(31:26)
6
1198
XVSGTOG_1 [5:0]
XVSG TOG_1 Toggle Position
(25:18)
8
60
XVSGLEN_0
XVSGTOG_0 Pulse Width
(17:9)
9
19
XSUBCK1TOG1
XSUBCK1 1st Toggle Position
(8:0)
9
88
XSUBCK1TOG2
XSUBCK1 2nd Toggle Position
Sys_Reg(15)
(31:23)
9
19
XSUBCK2TOG1
XSUBCK2 1st Toggle Position
(22:14:)
9
88
XSUBCK2TOG2
XSUBCK2 2nd Toggle Position
(13:2)
12
2243
CLPTOG11
CLPOB Toggle Position 1 (Gray Code Number)
(1:0)
2
CLPTOG2 [11]1
Sys_Reg(16)
(31:22)
10
2278
CLPTOG2 [10:0] 1
CLPOB Toggle Position 2 (Gray Code Number)
(21:18)
4
9
VDRISE
VD Toggle Position 1
(17:8)
10
120
HDRISE
HD Toggle Position 2
(7:0)
8
–
Unused
1 Register value must be a gray code number (see Gray Code Registers section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com