Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 25Page - Analog Devices AD9929BBCZ Datasheet HTML 26Page - Analog Devices AD9929BBCZ Datasheet HTML 27Page - Analog Devices AD9929BBCZ Datasheet HTML 28Page - Analog Devices AD9929BBCZ Datasheet HTML 29Page - Analog Devices AD9929BBCZ Datasheet HTML 30Page - Analog Devices AD9929BBCZ Datasheet HTML 31Page - Analog Devices AD9929BBCZ Datasheet HTML 32Page - Analog Devices AD9929BBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
AD9929
Rev. A | Page 29 of 64
HORIZONTAL CLAMPING AND BLANKING
The AD9929’s horizontal clamping and blanking pulses are
programmable to suit a variety of applications. As with the
vertical timing generation, individual sequences are defined for
each signal, which are then organized into multiple regions
during image readout. This allows the dark pixel clamping and
blanking patterns to be changed at each stage of the readout, in
order to accommodate different image transfer timing and high
speed line shifts.
CONTROLLING CLPOB CLAMP PULSE TIMING
The AFE horizontal CLPOB pulse is generated based on the
12-bit gray code counter. Once the length of the 12-bit gray
code counter is set using the HDLEN register (Sys_Reg(12)),
the CLPTOG1 and CLPTOG2 registers (Sys_Reg(15 and 16))
can be used to place the CLPOB pulse location, as shown in
Figure 25. Table 19 lists all CLPOB registers that are used to
configure and control the placement and output of the
CLPOB pulse.
The length of the last HD line is set using the HDLASTLEN
register (Sys_Reg(1)). Figure 23 shows how no CLPOB pulse is
asserted when the last HD length set by HDLASTLEN is shorter
than the regular HD length set by HDLEN. Figure 24 shows
how no CLPOB pulse is applied when the last HD length set by
HDLASTLEN is longer than the regular HD length. Note that
the CLPOB pulse is applied in the last line only when
HDLASTLEN = HDLEN.
HD
CLPOB
LAST LINE
Figure 23. Last HD Shorter than Regular HD
HD
CLPOB
LAST LINE
Figure 24. Last HD Longer than Regular HD
Table 19. CLPOB Registers
Register
Name
Bit
Width
Register Type
Counter
Reference
Range
Description
CLPOB_CONT
1
Control (0x01)
–
CLPOB Control (0=CLPOB off, 1 =CLPOB On)
CLPOB_MODE
1
Control (0x01)
–
CLPOB CCD Region Control
(0 = Enable CLPENx Register Settings, 1 = Disable
CLPENx Register Settings)
CLPTOG1
12
Sys_Reg (15)
HD
0 to 4095 pixel
locations
CLPOB Toggle Position 1 (Gray Code Number)
CLPTOG2
12
Sys_Reg
(15 and 16)
HD
0 to 4095 pixel
locations
CLPOB Toggle Position 2 (Gray Code Number)
CLPEN0
1
Mode_Reg (2)
–
CLPOB Control for CCD Region 0
(0 = CLPOB Disabled, 1 = CLPOB Enabled)
CLPEN1
1
Mode_Reg (2)
–
CLPOB Control for CCD Region 1
(0 = CLPOB Disabled, 1 = CLPOB Enabled)
CLPEN2
1
Mode_Reg (2)
–
CLPOB Control for CCD Region 2
(0 = CLPOB Disabled, 1 = CLPOB Enabled)
CLPEN3
1
Mode_Reg (2)
–
CLPOB Control for CCD Region 3
(0 = CLPOB Disabled, 1 = CLPOB Enabled)
CLPEN4
1
Mode_Reg (2)
–
CLPOB Control for CCD Region 4
(0 = CLPOB Disabled, 1 = CLPOB Enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com