Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 52Page - Analog Devices AD9929BBCZ Datasheet HTML 53Page - Analog Devices AD9929BBCZ Datasheet HTML 54Page - Analog Devices AD9929BBCZ Datasheet HTML 55Page - Analog Devices AD9929BBCZ Datasheet HTML 56Page - Analog Devices AD9929BBCZ Datasheet HTML 57Page - Analog Devices AD9929BBCZ Datasheet HTML 58Page - Analog Devices AD9929BBCZ Datasheet HTML 59Page - Analog Devices AD9929BBCZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
AD9929
Rev. A | Page 56 of 64
STANDBY MODE OPERATION
Recommended Standby Mode Sequence
When the AD9929 is going into standby operation, the follow-
ing sequence is recommended (refer to Figure 67 for each step).
1.
Program OUTCONT_REG (Address 0x05) = 0. This
asserts the internal OUTCONT signal low, causing all
digital outputs to become disabled.
2.
Program registers AFESTBY (Address 0x05) = 0 and
DIGSTBY (Address 0x05) = 0. The AD9929 is now in
standby operation.
3.
When ready to come out of standby operation, program
register DIGSTBY (Address 0x05) = 1 and register
AFESTBY (Address 0x05) = 1.
4.
Program necessary control registers.
5.
Program control register MODE (Address 0x0A) = 0. This
selects Mode_A operation.
6.
Program register OUTCONT_REG (Address 0x05) = 1.
This asserts the internal OUTCONT signal high, causing
all digital outputs to become active.
SERIAL
WRITES
VD
(OUTPUT)
DIGITAL
OUTPUTS
H2, RG, MSHUT, STROBE, FD
H1, VSUB
CLI
(INPUT)
HD
(OUTPUT)
OUTCONT
(INTERNAL SIGNAL)
AFESTBY
(REGISTER)
DIGSTBY
(REGISTER)
DCLK1
AND
DCLK21
3
1
NOTES
1DCLK2 WILL BE OUTPUT ON THE FD/DCLK2 PIN 16 PROVIDING REGISTER DCLK2SEL (ADDRESS 0xD5) = 1.
2IT TAKES 11 CLI CLOCKS FROM WHEN OCONT GOES HIGH UNTIL VD, HD, AND DIGITAL OUTPUT DATA IS VALID.
5
6
2
AD9929
SUPPLIES
tDELAY2
Figure 67. Recommended Standby Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com