Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 13Page - Analog Devices AD9929BBCZ Datasheet HTML 14Page - Analog Devices AD9929BBCZ Datasheet HTML 15Page - Analog Devices AD9929BBCZ Datasheet HTML 16Page - Analog Devices AD9929BBCZ Datasheet HTML 17Page - Analog Devices AD9929BBCZ Datasheet HTML 18Page - Analog Devices AD9929BBCZ Datasheet HTML 19Page - Analog Devices AD9929BBCZ Datasheet HTML 20Page - Analog Devices AD9929BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
AD9929
Rev. A | Page 17 of 64
Table 11. Mode_B Register Map (Address 0x16)
Register
Content
Bit
Width
Default
(Decimal)
Register Name
Register Description
Mode_Reg(0)
(31:24)
8
NA
Mode_B_addr
Mode_B Address is (Address 0x16)
(23:0)
24
NA
Mode_B_Number_N
Number N Register Writes (0x000000 = Write All Registers)
Mode_Reg(1)
(31:21)
11
262
VDLEN
VD Counter Value
(20:9)
12
1139
HDLASTLEN1
Number of Pixels in Last Line (Gray Code Number)
8
1
1
XVSGSEL1
XVSG1 Sequence Selector (See Table 35)
7
1
0
XVSGSEL2
XVSG2 Sequence Selector (See Table 35)
(6:0)
7
0
XVSGACTLINE
XVSG Active Line
Mode_Reg(2)
31
1
0
SUBCKSEL
Select One of Two SUBCK Patterns
(30:28)
3
0
VTPSEQPTR0
Vertical Transfer Sequence Region 0
(27:25)
3
0
VTPSEQPTR1
Vertical Transfer Sequence Region 1
(24:22)
3
0
VTPSEQPTR2
Vertical Transfer Sequence Region 2
(21:19)
3
0
VTPSEQPTR3
Vertical Transfer Sequence Region 3
(18:16)
3
0
VTPSEQPTR4
Vertical Transfer Sequence Region 4
15
1
1
CLPEN0
CLPOB Output Control 1
14
1
0
CLPEN1
CLPOB Output Control 2
13
1
0
CLPEN2
CLPOB Output Control 3
12
1
0
CLPEN3
CLPOB Output Control 4
11
1
0
CLPEN4
CLPOB Output Control 5
(10:3)
8
0
SCP1
Sequence Change Position 1
(2:0)
3
SCP2
Mode_Reg(3)
(31:27)
5
0
SCP2
Sequence Change Position 2
(26:19)
8
0
SCP3
Sequence Change Position 3
(18:11)
8
0
SCP4
Sequence Change Position 4
(10:9)
2
0
VTPSEL0
Vertical Pattern Selection 0
(8:7)
2
0
VTPSEL1
Vertical Pattern Selection 1
(6:5)
2
0
VTPSEL2
Vertical Pattern Selection 2
(4:3)
2
0
VTPSEL3
Vertical Pattern Selection 3
(2:0)
3
3
VTPREP0
Number of VTP0 Pulse Repetitions for Pattern 0
Mode_Reg(4)
(31:29)
3
0
VTPREP1
Number of VTP1 Pulse Repetitions for Pattern 1
(28:26)
3
0
VTPREP2
Number of VTP2 Pulse Repetitions for Pattern 2
(25:23)
3
0
VTPREP3
Number of VTP0 Pulse Repetitions for Pattern 3
(22:12)
11
0
SVREP0
Vertical Sweep Repetition Number for CCD Region 0
(11:1)
11
0
SVREP3
Vertical Sweep Repetition Number for CCD Region 3
0
1
–
Unused
Mode_Reg(5)
(31:19)
13
988
XV1SPAT_TOG3
XV1SPAT Toggle Position 3
(18:6)
13
1138
XV1SPAT_TOG4
XV1SPAT Toggle Position 4
(5:0)
6
XV2SPAT_TOG3
Mode_Reg(6)
(31:25)
7
1078
XV2SPAT_TOG3
XV2SPAT Toggle Position 3
(24:12)
13
XV2SPAT_TOG4
XV2SPAT Toggle Position 4
(11:0)
12
XV3SPAT_TOG3
Mode_Reg(7)
31
1
958
XV3SPAT_TOG3
XV3SPAT Toggle Position 3
(30:18)
13
1138
XV3SPAT_TOG4
XV3SPAT Toggle Position 4
(17:5)
13
988
XV4SPAT_TOG3
XV4SPAT Toggle Position 3
(4:0)
5
XV4SPAT_TOG4
Mode_Reg(8)
(31:24)
8
1228
XV4SPAT_TOG4
XV4SPAT Toggle Position 4
(23:11)
13
1392
SECONDVPOS
Second V Pattern Output Position
(10:9)
2
3
VPATSECOND
Selected Second V-Pattern Group for VSG Active Line
(8:0)
9
–
Unused
1 Register value must be a gray code number (See Gray Code Registers section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com