Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9929BBCZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 46Page - Analog Devices AD9929BBCZ Datasheet HTML 47Page - Analog Devices AD9929BBCZ Datasheet HTML 48Page - Analog Devices AD9929BBCZ Datasheet HTML 49Page - Analog Devices AD9929BBCZ Datasheet HTML 50Page - Analog Devices AD9929BBCZ Datasheet HTML 51Page - Analog Devices AD9929BBCZ Datasheet HTML 52Page - Analog Devices AD9929BBCZ Datasheet HTML 53Page - Analog Devices AD9929BBCZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
AD9929
Rev. A | Page 50 of 64
MSHUT TIMING
MSHUT Basic Operation
The AD9929 provides an MSHUT output pulse that can be con-
figured to control the mechanical shutter of the camera. The
registers used to control the MSHUT pulse are listed in
Table 37.
The MSHUT pulse can be placed at the start of any line by
using the 11-bit MSHUTPOS register. The MSHUT pulse width
is controlled by using the MSHUTLEN register. The AD9929
offers four preprogrammed MSHUT patterns that are selectable
using the MSHUTPAT register.
The preprogrammed length is the same for all patterns set by
the MSHUTLEN register, but the active on period of the
MSHUT pulse is different for each pattern, as shown in
Figure 57. Figure 58 shows an example of selecting
MSHUTPAT0 positioned to start 3 lines after the falling edge of
VD, with MSHUTLEN = 5.
Table 37. MSHUT and STROBE Registers
Register Name
Bit
Width
Register Type
Description
MSHUTPAT
2
Control (Address 0x01)
Selects MSHUT Pattern.
(0 = MSHUTPAT0, 1 = MSHUTPAT1, 2 = MSHUTPAT2, 3 = MSHUTPAT3)
MSHUTINIT
1
Control (Address 0x0C)
MSHUT Initialize
(1 = MSHUT Output Held Low, 0 = Normal Operation Resumes)
MSHUTEN
1
Control (Address 0x0C)
MSHUT Control (0 = MSHUT Held at Last State,
1 = MSHUT Output Enabled for Normal Operation)
MSHUTPOS
11
Control (Address 0x0C)
MSHUT Position during Normal Operation
MSHUTPOS_HP
3
Control (Address 0x0C)
MSHUT Position during High Precision Operation
MSHUTLEN
8
Sys_Reg(13)
MSHUT Pattern Length.
STROBE_EN
1
Control (Address 0x0B)
STROBE Output Enable Control
(0 = STROBE Output Held Low, 1 = Enable STROBE Output)
HD
MSHUTPAT0
MSHUTPAT1
MSHUTPAT2
MSHUTPAT3
MSHUTLEN + 1
Figure 57. MSHUT Patterns Available by Setting MSHUTPAT Register
VD
XSUBCK
tEXP
XVSG1-
XVSG2
HD
MSHUTPOS = 3
MSHUTPAT = 0, MSHUTLEN = 5
MSHUT
12
3
1
2
3
4
5
Figure 58. Example of MSHUT Timing with MSHUTEN = 1 and MSHUTPOS_HP = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com