Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 105 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 105 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 101Page - SMSC Corporation LPC47M14X Datasheet HTML 102Page - SMSC Corporation LPC47M14X Datasheet HTML 103Page - SMSC Corporation LPC47M14X Datasheet HTML 104Page - SMSC Corporation LPC47M14X Datasheet HTML 105Page - SMSC Corporation LPC47M14X Datasheet HTML 106Page - SMSC Corporation LPC47M14X Datasheet HTML 107Page - SMSC Corporation LPC47M14X Datasheet HTML 108Page - SMSC Corporation LPC47M14X Datasheet HTML 109Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 205 page
background image
SMSC DS – LPC47M14X
Page 105
Rev. 03/19/2001
6.13.6
Register Definitions
Host I/F Data Register
The Input Data register and Output Data register are each 8 bits wide. A write to this 8 bit register will load the Keyboard
Data Read Buffer, set the OBF flag and set the KIRQ output if enabled. A read of this register will read the data from the
Keyboard Data or Command Write Buffer and clear the IBF flag. Refer to the KIRQ and Status register descriptions for
more information.
Host I/F Status Register
The Status register is 8 bits wide.
Table 52 shows the contents of the Status register.
Table 52 – Status Register
D7
D6
D5
D4
D3
D2
D1
D0
UD
UD
UD
UD
C/D
UD
IBF
OBF
Status Register
This register is cleared on a reset. This register is read-only for the Host and read/write by the LPC47M14x CPU.
UD
Writable by LPC47M14x CPU. These bits are user-definable.
C/D
(Command Data)-This bit specifies whether the input data register contains data or a command (0 = data, 1 =
command). During a host data/command write operation, this bit is set to "1" if SA2 = 1 or reset to "0" if SA2 =
0.
IBF
(Input Buffer Full)- This flag is set to 1 whenever the host system writes data into the input data register.
Setting this flag activates the LPC47M14x CPU's nIBF (MIRQ) interrupt if enabled. When the LPC47M14x CPU
reads the input data register (DBB), this bit is automatically reset and the interrupt is cleared. There is no
output pin associated with this internal signal.
OBF
(Output Buffer Full) - This flag is set to whenever the LPC47M14x CPU write to the output data register (DBB).
When the host system reads the output data register, this bit is automatically reset.
6.13.7
External Clock Signal
The LPC47M14x Keyboard Controller clock source is a 12 MHz clock generated from a 14.318 MHz clock. The reset
pulse must last for at least 24 16 MHz clock periods. The pulse-width requirement applies to both internally (Vcc POR)
and externally generated reset signals. In powerdown mode, the external clock signal is not loaded by the chip.
6.13.8
Default Reset Conditions
The LPC47M14x has one source of hardware reset: an external reset via the PCI_RESET# pin. Refer to Table 53 for
the effect of each type of reset on the internal registers.
Table 53 – Resets
DESCRIPTION
HARDWARE RESET
(PCI_RESET#)
KCLK
Low
KDAT
Low
MCLK
Low
MDAT
Low
Host I/F Data Reg
N/A
Host I/F Status Reg
00H
N/A: Not Applicable
GATEA20 AND KEYBOARD RESET
The LPC47M14x provides two options for GateA20 and Keyboard Reset: 8042 Software Generated GateA20 and
KRESET and Port 92 Fast GateA20 and KRESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com