Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 106 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 106 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 102Page - SMSC Corporation LPC47M14X Datasheet HTML 103Page - SMSC Corporation LPC47M14X Datasheet HTML 104Page - SMSC Corporation LPC47M14X Datasheet HTML 105Page - SMSC Corporation LPC47M14X Datasheet HTML 106Page - SMSC Corporation LPC47M14X Datasheet HTML 107Page - SMSC Corporation LPC47M14X Datasheet HTML 108Page - SMSC Corporation LPC47M14X Datasheet HTML 109Page - SMSC Corporation LPC47M14X Datasheet HTML 110Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 205 page
background image
SMSC DS – LPC47M14X
Page 106
Rev. 03/19/2001
PORT 92 FAST GATEA20 AND KEYBOARD RESET
Port 92 Register
This port can only be read or written if Port 92 has been enabled via bit 2 of the KRST_GA20 Register (Logical
Device 7, 0xF0) set to 1.
This register is used to support the alternate reset (nALT_RST) and alternate A20 (ALT_A20) functions.
NAME
Port 92
LOCATION
92h
DEFAULT VALUE
24h
ATTRIBUTE
Read/Write
SIZE
8 bits
Port 92 Register
Bit
Function
7:6
Reserved. Returns 00 when read
5
Reserved. Returns a 1 when read
4
Reserved. Returns a 0 when read
3
Reserved. Returns a 0 when read
2
Reserved. Returns a 1 when read
1
ALT_A20 Signal control. Writing a 0 to this bit causes the ALT_A20 signal to be
driven low. Writing a 1 to this bit causes the ALT_A20 signal to be driven high.
0
Alternate System Reset. This read/write bit provides an alternate system reset
function. This function provides an alternate means to reset the system CPU to
effect a mode switch from Protected Virtual Address Mode to the Real Address
Mode. This provides a faster means of reset than is provided by the Keyboard
controller. This bit is set to a 0 by a system reset. Writing a 1 to this bit will cause
the nALT_RST signal to pulse active (low) for a minimum of 1 µs after a delay of
500 ns. Before another nALT_RST pulse can be generated, this bit must be written
back to a 0.
nGATEA20
8042
P21
ALT_A20
SYSTEM
nA20M
0
0
0
0
1
1
1
0
1
1
1
1
Bit 0 of Port 92, which generates the nALT_RST signal, is used to reset the CPU under program control. This signal
is AND’ed together externally with the reset signal (nKBDRST) from the keyboard controller to provide a software
means of resetting the CPU. This provides a faster means of reset than is provided by the keyboard controller.
Writing a 1 to bit 0 in the Port 92 Register causes this signal to pulse low for a minimum of 6µs, after a delay of a
minimum of 14µs. Before another nALT_RST pulse can be generated, bit 0 must be set to 0 either by a system reset
of a write to Port 92. Upon reset, this signal is driven inactive high (bit 0 in the Port 92 Register is set to 0).
If Port 92 is enabled, i.e., bit 2 of KRST_GA20 is set to 1, then a pulse is generated by writing a 1 to bit 0 of the Port
92 Register and this pulse is AND’ed with the pulse generated from the 8042. This pulse is output on pin KRESET
and its polarity is controlled by the GPI/O polarity configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com