Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 186 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 186 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 182Page - SMSC Corporation LPC47M14X Datasheet HTML 183Page - SMSC Corporation LPC47M14X Datasheet HTML 184Page - SMSC Corporation LPC47M14X Datasheet HTML 185Page - SMSC Corporation LPC47M14X Datasheet HTML 186Page - SMSC Corporation LPC47M14X Datasheet HTML 187Page - SMSC Corporation LPC47M14X Datasheet HTML 188Page - SMSC Corporation LPC47M14X Datasheet HTML 189Page - SMSC Corporation LPC47M14X Datasheet HTML 190Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 205 page
background image
SMSC DS – LPC47M14X
Page 186
Rev. 03/19/2001
t3
t1
t2
t4
t5
t6
t7
t8
nDIR
nSTEP
nDS0-1
nINDEX
nRDATA
nWDATA
t9
FIGURE 27 – FLOPPY DISK DRIVE TIMING (AT MODE ONLY)
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
nDIR Set Up to STEP Low
4
X*
t2
nSTEP Active Time Low
24
X*
t3
nDIR Hold Time after STEP#
96
X*
t4
nSTEP Cycle Time
132
X*
t5
nDS0 & nDS1 Hold Time from nSTEP Low (Note)
20
X*
t6
nINDEX Pulse Width
2
X*
t7
nRDATA Active Time Low
40
ns
t8
nWDATA Write Data Width Low
.5
Y*
t9
nDS0 & nDS1, Setup Time nDIR Low (Note)
0
ns
*X specifies one MCLK period and Y specifies one WCLK period.
MCLK = 16 x Data Rate (at 500 kb/s MCLK = 8 MHz)
WCLK = 2 x Data Rate (at 500 kb/s WCLK = 1 MHz)
Note: The DS0 &DS1 setup and hold times must be met by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com