Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 190 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 190 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 186Page - SMSC Corporation LPC47M14X Datasheet HTML 187Page - SMSC Corporation LPC47M14X Datasheet HTML 188Page - SMSC Corporation LPC47M14X Datasheet HTML 189Page - SMSC Corporation LPC47M14X Datasheet HTML 190Page - SMSC Corporation LPC47M14X Datasheet HTML 191Page - SMSC Corporation LPC47M14X Datasheet HTML 192Page - SMSC Corporation LPC47M14X Datasheet HTML 193Page - SMSC Corporation LPC47M14X Datasheet HTML 194Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 205 page
background image
SMSC DS – LPC47M14X
Page 190
Rev. 03/19/2001
ECP PARALLEL PORT TIMING
Parallel Port FIFO (Mode 101)
The standard parallel port is run at or near the peak 500KBytes/sec allowed in the forward direction using DMA. The
state machine does not examine nACK and begins the next transfer based on Busy. Refer to FIGURE 32.
ECP Parallel Port Timing
The timing is designed to allow operation at approximately 2.0 Mbytes/sec over a 15ft cable. If a shorter cable is used
then the bandwidth will increase.
Forward-Idle
When the host has no data to send it keeps HostClk (nStrobe) high and the peripheral will leave PeriphClk (Busy) low.
Forward Data Transfer Phase
The interface transfers data and commands from the host to the peripheral using an interlocked PeriphAck and HostClk.
The peripheral may indicate its desire to send data to the host by asserting nPeriphRequest.
The Forward Data Transfer Phase may be entered from the Forward-Idle Phase. While in the Forward Phase the
peripheral may asynchronously assert the nPeriphRequest (nFault) to request that the channel be reversed. When the
peripheral is not busy it sets PeriphAck (Busy) low. The host then sets HostClk (nStrobe) low when it is prepared to send
data. The data must be stable for the specified setup time prior to the falling edge of HostClk. The peripheral then sets
PeriphAck (Busy) high to acknowledge the handshake. The host then sets HostClk (nStrobe) high. The peripheral then
accepts the data and sets PeriphAck (Busy) low, completing the transfer. This sequence is shown in FIGURE 33.
The timing is designed to provide 3 cable round-trip times for data setup if Data is driven simultaneously with HostClk
(nStrobe).
Reverse-Idle Phase
The peripheral has no data to send and keeps PeriphClk high. The host is idle and keeps HostAck low.
Reverse Data Transfer Phase
The interface transfers data and commands from the peripheral to the host using an interlocked HostAck and PeriphClk.
The Reverse Data Transfer Phase may be entered from the Reverse-Idle Phase. After the previous byte has been
accepted the host sets HostAck (nALF) low. The peripheral then sets PeriphClk (nACK) low when it has data to send.
The data must be stable for the specified setup time prior to the falling edge of PeriphClk. When the host is ready to
accept a byte it sets HostAck (nALF) high to acknowledge the handshake. The peripheral then sets PeriphClk (nACK)
high. After the host has accepted the data it sets HostAck (nALF) low, completing the transfer. This sequence is shown
in FIGURE 34.
Output Drivers
To facilitate higher performance data transfer, the use of balanced CMOS active drivers for critical signals (Data,
HostAck, HostClk, PeriphAck, PeriphClk) are used in ECP Mode. Because the use of active drivers can present
compatibility problems in Compatible Mode (the control signals, by tradition, are specified as open-collector), the
drivers are dynamically changed from open-collector to totem-pole. The timing for the dynamic driver change is
specified in then IEEE 1284 Extended Capabilities Port Protocol and ISA Interface Standard, Rev. 1.14, July 14,
1993, available from Microsoft. The dynamic driver change must be implemented properly to prevent glitching the
outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com