Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 109 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 105Page - STMicroelectronics STV82X7DSXT Datasheet HTML 106Page - STMicroelectronics STV82X7DSXT Datasheet HTML 107Page - STMicroelectronics STV82X7DSXT Datasheet HTML 108Page - STMicroelectronics STV82X7DSXT Datasheet HTML 109Page - STMicroelectronics STV82X7DSXT Datasheet HTML 110Page - STMicroelectronics STV82X7DSXT Datasheet HTML 111Page - STMicroelectronics STV82X7DSXT Datasheet HTML 112Page - STMicroelectronics STV82X7DSXT Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 149 page
background image
109/149
STV82x7
Register List
STSRND_CONTROL
ST WideSurround Control Register
STSRND_FREQ
ST WideSurround Sound Frequency
SVC_HP_GAIN[6:0]
0000000
Set “make-up” gain applied at SVC HP output:
0000000:
+0dB
0000001:
+0.5dB
...
0101110:
+23dB
0101111:
+23.5dB
0110000:
+24dB
Address: C4h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
000
STSRND_
STEREO
STSRND_
MODE
STSRND_ON
Bit Name
Reset
Function
Bits[7:3]
00000
Reserved.
STSRND_STEREO 0
ST WideSurround Mode
0: ST WideSurround Sound in Mono mode (Default)
1: ST WideSurround Sound in Stereo mode
STSRND_MODE
0
ST WideSurround Sound Stereo Mode
0: Movie Mode
1: Music Mode
STSRND_ON
0
ST WideSurround Sound Enable
0: ST WideSurround Sound is disabled
1: ST WideSurround Sound is enabled
Address: C5h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
STSRND_BASS[1:0]
STSRND_MEDIUM[1:0]
STSRND_TREBLE[1:0]
Bit Name
Reset
Function
Bits[7:6]
00
Reserved.
STSRND_BASS[1:0]
01
Defines the bass frequency effect for ST WideSurround Sound. Programmable values are listed
in Table 29.
STSRND_MEDIUM[1:0] 01
Defines the medium frequency effect for ST WideSurround Sound in Movie or Mono mode (no
effect in Music mode). Programmable values are listed in Table 29.
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com