Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 111 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 107Page - STMicroelectronics STV82X7DSXT Datasheet HTML 108Page - STMicroelectronics STV82X7DSXT Datasheet HTML 109Page - STMicroelectronics STV82X7DSXT Datasheet HTML 110Page - STMicroelectronics STV82X7DSXT Datasheet HTML 111Page - STMicroelectronics STV82X7DSXT Datasheet HTML 112Page - STMicroelectronics STV82X7DSXT Datasheet HTML 113Page - STMicroelectronics STV82X7DSXT Datasheet HTML 114Page - STMicroelectronics STV82X7DSXT Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 149 page
background image
111/149
STV82x7
Register List
ST_DYNAMIC_BASS
Register Description
ST_VOICE[1:0]
00
00: OFF
01: Low
10: Mid
11: High
FRONT_BYPASS
0
Forced to 0
OMNISRND_
INPUT_ MODE[3:0]
0000
000: Mono
001: L/R stereo
010: L/R/S
011: L/R/Ls/Rs
100: L/R/C
101: L/R/C/S
110: L/R/C/Ls/Rs
111: Lt/Rt (Passive matrix)
OMNISURND_ON
0
0: OmniSurround OFF
1: OmniSurround ON
Address: C8h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BASS_LEVEL[4:0]
BASS_FREQ[1:0]
DYN_BASS_
ON
Bit Name
Reset
Function
BASS_LEVEL[4:0]
00000
Set ST Dynamic Bass effect level:
00000:
+0d B
00001:
+0.5 dB
...
11101:
+14.5 dB
11110:
+15 dB
11111:
+15.5 dB
BASS_FREQ[1:0]
00
00: 100 Hz Cut-Off frequency
01: 150 Hz Cut-Off frequency
10: 200 Hz Cut-Off frequency
11: Reserved
DYN_BASS_ON
0
0: ST Dynamic Bass OFF
1: ST Dynamic Bass ON
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com