Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 110 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 106Page - STMicroelectronics STV82X7DSXT Datasheet HTML 107Page - STMicroelectronics STV82X7DSXT Datasheet HTML 108Page - STMicroelectronics STV82X7DSXT Datasheet HTML 109Page - STMicroelectronics STV82X7DSXT Datasheet HTML 110Page - STMicroelectronics STV82X7DSXT Datasheet HTML 111Page - STMicroelectronics STV82X7DSXT Datasheet HTML 112Page - STMicroelectronics STV82X7DSXT Datasheet HTML 113Page - STMicroelectronics STV82X7DSXT Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 149 page
background image
Register List
STV82x7
110/149
STSRND_LEVEL
ST WideSurround Gain Register
OMNISURROUND_CONTROL Register Description
STSRND_TREBLE[1:0] 01
Defines the treble frequency effect for ST WideSurround Sound in Movie or Mono mode (no
effect in Music mode). Programmable values are listed in Table 29.
Table 29: Phase Shifter Center Frequencies
Phase Shifter Center Frequency
BASS_FREQ[1:0]
MEDIUM_FREQ[1:0]
TREBLE_FREQ[1:0]
00
40 Hz
202 Hz
2 kHz
01 (Default)
90 Hz
416 Hz
4 kHz
10
120 Hz
500 Hz
5 kHz
11
160 Hz
588 Hz
6 kHz
Address: C6h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STSRND_GAIN[7:0]
Bit Name
Reset
Function
STSRND_GAIN[7:0] 10000000
Defines the ST WideSurround Sound component gain in linear scale.
Level (%)
Level (%)
1000 0000 (Default)
100%
0000 0100
3.1%
0111 1111
99.2%
0000 0011
2.3%
0111 1110
98.4%
0000 0010
1.6%
0111 1101
97.6%
0000 0001
0.8%
........
0000 0000
0%
Address: C7h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LFE
ST_VOICE[1:0]
FRONT_
BYPASS
OMNI_SURND_INPUT_MODE[3:0]
OMNISRND_ON
Bit Name
Reset
Function
LFE
0
0: Do not use LFE channel
1: Generate LFE channel
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com