Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 112 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 108Page - STMicroelectronics STV82X7DSXT Datasheet HTML 109Page - STMicroelectronics STV82X7DSXT Datasheet HTML 110Page - STMicroelectronics STV82X7DSXT Datasheet HTML 111Page - STMicroelectronics STV82X7DSXT Datasheet HTML 112Page - STMicroelectronics STV82X7DSXT Datasheet HTML 113Page - STMicroelectronics STV82X7DSXT Datasheet HTML 114Page - STMicroelectronics STV82X7DSXT Datasheet HTML 115Page - STMicroelectronics STV82X7DSXT Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 149 page
background image
Register List
STV82x7
112/149
12.16 5-Band Equalizer / Bass-Treble for Loudspeakers
LS_EQ_BT_CTRL
Loudspeakers Equalizer Control Register
EQ_BANDX_GAIN
Loudspeakers Equalizer Gain Register for BandX
Address: C9h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0000
LS_EQ_BT_
SW
LS_EQ_ON
Bit Name
Reset
Function
Bits[7:2]
000000
Reserved.
LS_EQ_BT_SW
0
5-Band Equalizer or Bass-Teble selection
0: 5-Band Equalizer is selected for Loudspeakers.
1: Bass-Treble is selected for Loudspeakers.
LS_EQ_ON
1
5-Band Equalizer/Bass-Treble for loudspeakers Enable
0: 5-Band Equalizer/Bass-Teble is disabled
1: 5-Band Equalizer/Bass-Teble is enabled (Default)
Address: CAh to CEh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EQ_BANDX
Bit Name
Reset
Function
EQ_BANDX[7:0]
0000
0000
BandX gain adjustment within a range from -12 dB to +12 dB in steps of 0.25 dB.
Band1: 100 Hz, Band2: 330 Hz, Band3: 1 KHz, Band4: 3.3 KHz, Band5: 10 KHz, see Table 30.
Table 30: Loudspeakers Equalizer/Bass-Treble Gain Values (and Headphone Bass-Treble Gain Values)
Value
Gain G (dB)
00110000
+12
00101111
+11.75
00101110
+11.50
................
.....
00000000 (Default)
0
................
.....
10101110
-11.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com