Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 229 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 229 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 225Page - STMicroelectronics STM32MP151A Datasheet HTML 226Page - STMicroelectronics STM32MP151A Datasheet HTML 227Page - STMicroelectronics STM32MP151A Datasheet HTML 228Page - STMicroelectronics STM32MP151A Datasheet HTML 229Page - STMicroelectronics STM32MP151A Datasheet HTML 230Page - STMicroelectronics STM32MP151A Datasheet HTML 231Page - STMicroelectronics STM32MP151A Datasheet HTML 232Page - STMicroelectronics STM32MP151A Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 253 page
background image
DS12500 Rev 3
229/253
STM32MP151A/D
Electrical characteristics
232
6.3.37
USART interface characteristics
Unless otherwise specified, the parameters given in Table 110 for USART are derived from
tests performed under the ambient temperature, fHCLK frequency and VDD supply voltage
conditions summarized in Table 110, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5×VDD
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, CK, TX, RX for USART).
6.3.38
USB High-Speed PHY characteristics
Table 110. USART characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCK
USART clock frequency
Master mode
USART2,3,6
--
12.5
MHz
Master mode
USART1
16.5
Slave mode
-
-
27
tsu(NSS)
NSS setup time
Slave mode
tker+2
-
-
ns
th(NSS)
NSS hold time
Slave mode
2
-
-
ns
tw(CKH),
tw(CKL)
CK high and low time
Master mode
1/fCK/2 - 1
1/fck/2
1/fCK/2 + 1
ns
tsu(RX)
Data input setup time
Master mode
tker+3
-
-
ns
Slave mode
2
-
-
thRX)
Data input hold time
Master mode
1
-
-
ns
Slave mode
1
-
-
tv(TX)
Data output valid time
Slave mode
-
10
18
ns
Master mode
-
0.5
1
th(TX)
Data output hold time
Slave mode
8
-
-
ns
Master mode
0
-
-
1. 1.Guaranteed by characterization results.
Table 111. USB High-Speed PHY characteristics(1)
Symbol
Parameter
Conditions
Min
Typ Max Unit
RREF
Reference resistor on USB_RREF pin
-
2.97 3.00 3.03
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com