Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 231 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 231 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 227Page - STMicroelectronics STM32MP151A Datasheet HTML 228Page - STMicroelectronics STM32MP151A Datasheet HTML 229Page - STMicroelectronics STM32MP151A Datasheet HTML 230Page - STMicroelectronics STM32MP151A Datasheet HTML 231Page - STMicroelectronics STM32MP151A Datasheet HTML 232Page - STMicroelectronics STM32MP151A Datasheet HTML 233Page - STMicroelectronics STM32MP151A Datasheet HTML 234Page - STMicroelectronics STM32MP151A Datasheet HTML 235Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 253 page
background image
DS12500 Rev 3
231/253
STM32MP151A/D
Electrical characteristics
232
VDD supply voltage summarized in Table 13: General operating conditions, with the
following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 0x10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5×VDD
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output
characteristics.
Table 112. Dynamics characteristics: JTAG characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fpp
TCK clock
frequency
2.7 V < VDD < 3.6 V
-
-
35
MHz
1/tc(TCK)
1.71 V < VDD < 3.6 V
-
-
27
tisu(TMS)
TMS input
setup time
-2.5
-
-
ns
tih(TMS)
TMS input
hold time
-1
-
-
tisu(TDI)
TDI input
setup time
-2
-
-
tih(TDI)
TDI input
hold time
-1
-
-
tov (TDO)
TDO output
valid time
2.7 V < VDD < 3.6 V
-
8
14
1.71 V < VDD< 3.6 V
-
8
18
toh(TDO)
TDO output
hold time
-7
-
-
Table 113. Dynamics characteristics: SWD characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fpp
SWCLK
clock
frequency
2.7 V < VDD < 3.6 V
-
-
71
MHz
1/tc(SWCLK)
1.71 V < VDD < 3.6 V
-
-
55
tisu(SWDIO)
SWDIO input
setup time
-2.5
-
-
ns
tih(SWDIO)
SWDIO input
hold time
-1
-
-
tov (SWDIO)
SWDIO
output valid
time
2.7 V < VDD < 3.6 V
-
8.5
14
1.71 V < VDD < 3.6 V
-
8.5
18
toh(SWDIO)
SWDIO
output hold
time
-8
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com