Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 32 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 32 Page - Micronas

Back Button MAS3506D Datasheet HTML 28Page - Micronas MAS3506D Datasheet HTML 29Page - Micronas MAS3506D Datasheet HTML 30Page - Micronas MAS3506D Datasheet HTML 31Page - Micronas MAS3506D Datasheet HTML 32Page - Micronas MAS3506D Datasheet HTML 33Page - Micronas MAS3506D Datasheet HTML 34Page - Micronas MAS3506D Datasheet HTML 35Page - Micronas MAS3506D Datasheet HTML 36Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
32
Micronas
29
22
XVSS
Supply
X
Ground of output buffers
30
21
SID/PI7
I
X
Serial input data
31
20
SII/PI6
I
VSS
Serial input frame identification
32
19
SIC/PI5
I
X
Serial input clock
33
18
PI4
O
LV
MPEG-frame sync
34
17
PI3
I
VSS
AUD-SW, information from head-
phone jack
35
16
PI2
I
VSS
Reserved
36
15
PI1
I
VSS
Reserved
37
14
PI0
I
VSS
Reserved
38
13
CLKO
O
LV
Clock output (nominal 24.576 MHz)
39
12
PUP
O
LV
Power Up, i.e. status of voltage super-
vision
40
11
WSEN
I
X
Enable DSP and DC/DC converter
41
10
WRDY
O
LV
If WSEN=0: Valid clock input at CLKI
If WSEN=1: Clock synthesizer PLL
locked
42
9
AVDD
Supply
VDD
Supply for analog circuits
43
8
CLKI
I
X
Clock input
44
7
AVSS
Supply
VSS
Ground supply for analog circuits
Pin No.
Pin Name
Type
Connection
Short Description
PMQFP
44-pin
PLCC
44-pin
(If not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com