Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 12 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 12 Page - Micronas

Back Button MAS3506D Datasheet HTML 8Page - Micronas MAS3506D Datasheet HTML 9Page - Micronas MAS3506D Datasheet HTML 10Page - Micronas MAS3506D Datasheet HTML 11Page - Micronas MAS3506D Datasheet HTML 12Page - Micronas MAS3506D Datasheet HTML 13Page - Micronas MAS3506D Datasheet HTML 14Page - Micronas MAS3506D Datasheet HTML 15Page - Micronas MAS3506D Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
12
Micronas
2.5.3. Audio Output Interface
The audio output interface of the MAS 3506D is a
standard serial audio interface. The interface is config-
urable by software to work in 16-bit/sample and 32-bit/
sample mode. The default setup is a 16-bit mode
which is also the default setting for the DRD 3515A.
The 32-bit/sample mode is provided for high-resolution
D/A converters that expect more than 16-bit/sample
input data. The embedded D/A-converter of the
DRD 3515A is also capable of decoding the 32-bit/
sample format and provides a slightly better S/N per-
formance in this mode1). The audio output interface
timing is shown in Figure 2–6 and Figure 2–7.
1) If the 32-bit mode is selected and the D/A converter
of the DRD 3515A is still connected, it also has to
be switched to 32-bit I2S mode.
Fig. 2–6: Schematic timing of the digital audio output interface in 16-bit/sample mode
Fig. 2–7: Schematic timing of the digital audio output interface in 32-bit/sample mode
DAD
Vh
Vl
15 14 13 12 11 10 98 765 43 21 0 15 14 13 12 11 10 98 76 543 21 0
left 16-bit audio sample
right 16-bit audio sample
0
timing detail
Vh
Vl
DAI
15
DAI
DAD
DAD
Vh
Vl
left 32-bit audio sample
right 32-bit audio sample
0
timing detail
Vh
Vl
DAI
131
0
31
0
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com