Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 16 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 16 Page - Micronas

Back Button MAS3506D Datasheet HTML 12Page - Micronas MAS3506D Datasheet HTML 13Page - Micronas MAS3506D Datasheet HTML 14Page - Micronas MAS3506D Datasheet HTML 15Page - Micronas MAS3506D Datasheet HTML 16Page - Micronas MAS3506D Datasheet HTML 17Page - Micronas MAS3506D Datasheet HTML 18Page - Micronas MAS3506D Datasheet HTML 19Page - Micronas MAS3506D Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
16
Micronas
3.3.1. Data Formats
The internal data word size is 20 bits. All RAM-
addresses can be accessed in a 20-bit mode via I2C-
bus. Because of the 16-bit width of the I2C-data regis-
ter the full transfer of all 20 bits requires two 16-bit I2C-
words. Some commands only access the lower 16 bits
of a cell. For fast access of internal DSP-states the
processor core also has an address space of 256 data
registers.
The internal data format is a 20 bit two’s complement
denoted “r”. If in some cases a fixed point notation “v”
is necessary. The conversion between the two forms
of notation is done as follows:
r = v*524288.0+0.5; (
−1.0 ≤ v < 1.0)
v = r/524288.0; (
−524288 < r < 524287)
3.3.2. Run and Freeze (Codes 0hex to 1hex)
The Run command causes the start of a program part
at address a = (a3,a2,a1,a0). Note that nibble a3 is
also the command code (see Table 3–5) and thus it is
restricted to certain values. This command is espe-
cially used to start alternate code or downloaded code
from a RAM-area that has been configured as program
RAM.
Example 1: Start program execution at address
345hex:
<3a 68 03 45>
Freeze is a special run command with start address 0.
It suspends all normal program execution. The operat-
ing system will enter an idle loop so that all registers
and memory cells can be watched. This state is useful
for operations like downloading code or contents of
memory cells because the internal program cannot
overwrite these values. This freezing will be required if
alternative software is downloaded into the internal
RAM of the MAS 3506D.
Freeze has the following I2C protocol:
<3a 68 00 00>
The entry point of the default software will be accessed
automatically after a reset, thus issuing a Run or
Freeze command is only necessary for starting down-
loaded software or special program modules which are
not part of the standard set.
3.3.3. Select Service Component (Code 5hex)
Select the (zero-based) service component with the
number d = d0. The number of available service com-
ponents is to be taken from the SCH information. A
maximum of 8 service components are allowed in one
Broadcast Channel. SC-selection is also possible by
writing to memory cell D1:7ef (see Table 3–11 on
page 23).
3.3.4. Read Ancillary MPEG Data (Code 6hex)
The availability of new ancillary data is indicated by the
MPEG-FRAME-SYNC signal in register c8hex or at the
corresponding pin. Ancillary data are available every
24 to 32 ms depending on the sample rate of the
MPEG-bitstream. The
instruction parameters are
embedded in the 3 nibbles o2..o0. The 6 MSBs indi-
cate the address offset counted in 16-bit words where
the read-out of the ancillary data shall start. The 6
LSBs indicate the number of 16-bit words that are to
be transmitted by MAS 3506D.
SDW
data_write
W
AAA
W
A
P
a3,a2
a1,a0
Table 3–6: Arrangement of o-bits
11
10
9
8
7
6
5
4
3
2
1
0
o2
o1
o0
address offset
number of 16-bit words
SDW
data_write
WA
A
A
WA
5,0
0,0
P
AW
A
0,0
0,d0
1) send command (Read D0)
2) get ancillary data values
SDW
data_write
WA
A
A
WA
6,o2
o1,o0
SDW
data_read
WA
A
S
A
DR
P
P
WA
d3,d2
A
d1,d0
N
W
d3,d2
A
d1,d0
....repeat for n data values....
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com