Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 43 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 43 Page - Micronas

Back Button MAS3506D Datasheet HTML 39Page - Micronas MAS3506D Datasheet HTML 40Page - Micronas MAS3506D Datasheet HTML 41Page - Micronas MAS3506D Datasheet HTML 42Page - Micronas MAS3506D Datasheet HTML 43Page - Micronas MAS3506D Datasheet HTML 44Page - Micronas MAS3506D Datasheet HTML 45Page - Micronas MAS3506D Datasheet HTML 46Page - Micronas MAS3506D Datasheet HTML 47Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
43
4.6.3.4. I2S Characteristics – SDO
at T = TA, VSUP = 2.7 to 3.6 V, typ. values at TA =27°C, VSUP = 3.0 V, CLKF = 14.725 MHz, duty cycle = 50 %
Fig. 4–18: Serial output
4.6.3.5. Firmware Characteristics
at T = TA, VSUP = 2.7 to 3.6 V, typ. values at TA =27°C, VSUP = 3.0 V, CLKF = 14.725 MHz, duty cycle = 50 %
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
tSOCLK
I2S clock output period
SOC
325
ns
48 kHz Stereo
32 bit/sample
tSOISS
I2S wordstrobe delay time
after falling edge of clock
SOC,
SOI
0ns
tSOODC
I2S data delay time after
falling edge of clock
SOC,
SOD
0ns
H
L
H
L
H
L
TSOCLK
TSOISS
TSOISS
TSOODC
SOC
SOI
SOD
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Synchronization Times
tbcsync
Synchronization on Broadcast Channel
216
432
ms
tmpgsync
Synchronization on MPEG bit streams
12..36
72
ms
fs = 32 kHz, MPEG 2.5
Time constants
tbcloop
Buffer controlled loop time constant (see Fig. 2–
2 on page 8)
5
8
10
s
step response
tanc
Validity of ancillary data after rising edge of
MPEG-FRAME-SYNC signal
6ms
tSCH
Validity of SCH-data after rising edge of
BC-FRAME-SYNC signal
400
ms
Ranges
PLLRange
Tracking range of sampling clock recovery PLL
−200
200
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com