Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 23 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 23 Page - Micronas

Back Button MAS3506D Datasheet HTML 19Page - Micronas MAS3506D Datasheet HTML 20Page - Micronas MAS3506D Datasheet HTML 21Page - Micronas MAS3506D Datasheet HTML 22Page - Micronas MAS3506D Datasheet HTML 23Page - Micronas MAS3506D Datasheet HTML 24Page - Micronas MAS3506D Datasheet HTML 25Page - Micronas MAS3506D Datasheet HTML 26Page - Micronas MAS3506D Datasheet HTML 27Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
23
3.5. Control and Status Memory
The memory cells given in the following sections may
be read (Section 3.3.9.) or written (Section 3.3.7.) in
order to observe or control the operation of the
MAS 3506D.
Note! Memory cells not given in the tables must not be
written.
Table 3–11: Control and status memory cells
Address
(hex)
R/W
Function
Default
Name
D1:7ee
R
Main Status Indicator of the BC-Decoder
The Status cell returns global status information about the World-
Space decoder. Its value is also returned by the ‘Default Read’
command as described in Section 3.3.10.
bit [15:12] BRI
Bit Rate Index
0
Reserved
1...8
n*16 kbit/s
bit [11:8]
NSC
Zero-based number of available Service
Components
0
1 SC available
...
...
7
8 SCs available
bit [7:4]
reserved
bit [3]
MCRC
MPEG CRC Error
0
no CRC-error in the last BC-frame
1
CRC-error occured in the last BC-frame
bit [2]
MFS
MPEG frame sync indication
0
no MPEG synchronisation
1
MPEG synchronisation
bit [1]
BCS
Broadcast Channel frame sync indication
0
no BC synchronisation
1
BC synchronisation
While the signals MPEG-FRAME-SYNC and BC-FRAME-SYNC in
the PIO-register c8hex rise with the beginning of each frame, the
signals MFS and BFS are stable as long as a valid bitstream is
received.
bit [0]
S
Synchronized state
0
not in synchronized state (e.g. no bitstream)
1
MAS 3506D is synchronized and decoding
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com