Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 20 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 20 Page - Micronas

Back Button MAS3506D Datasheet HTML 16Page - Micronas MAS3506D Datasheet HTML 17Page - Micronas MAS3506D Datasheet HTML 18Page - Micronas MAS3506D Datasheet HTML 19Page - Micronas MAS3506D Datasheet HTML 20Page - Micronas MAS3506D Datasheet HTML 21Page - Micronas MAS3506D Datasheet HTML 22Page - Micronas MAS3506D Datasheet HTML 23Page - Micronas MAS3506D Datasheet HTML 24Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
20
Micronas
3.4. Control Registers
The registers displayed in the following table can be
read and written via I2C commands described (see
Section 3.3.6. and Section 3.3.8.).
Note! Registers not given in the tables must not be
written.
Table 3–10: Control Registers
Address
(hex)
R/W
Function
Default
(hex)
Name
8e
W
DC/DC-Converter Frequency and Voltage
The I2C protocol is working only if the processor is active
(WSEN = 1). However, the setting for the DCCF register will
remain active if the WSEN line is deasserted.
08000
DCCF
DC/DC-Converter Frequency
The frequency is controlled with bits 13...10 and 8.
Setting
bit [13:10]
Frequency/kHz
bit [8] = 0
Frequency/kHz
bit [8] = 1
11
11
11
10
11
01
11
00
10 11
10 10
10 01
10 00
01 11
01 10
01 01
01 00
00 11
00 10
00 01
00 00
156
160
163
167
171
175
179
184
188
194
199
204
210
216
223
230
128
245
253
263
272
283
295
307
320
335
351
368
387
409
433
460
The divider for the CLKI input is determined by the content of the
DCCF register. This register allows 32 settings of the DC/DC con-
verter clock frequency fdc:
(EQ 1)
In order to reduce interference noise in AM-reception, the oscillator
frequency may be adjusted in 16 steps in order to allow the system
controller to select a base frequency that does not interfere with an
other application. The following algorithm may be used to select an
appropriate value for DCCF:
f
SW
f
CK LI
2
m
n
+
()
⋅
-------------------------
=
n
015
{,
}
∈
m
16 32
,
{}
∈
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com